Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9102
Description  Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9102 Datasheet HTML 17Page - Analog Devices AD9102 Datasheet HTML 18Page - Analog Devices AD9102 Datasheet HTML 19Page - Analog Devices AD9102 Datasheet HTML 20Page - Analog Devices AD9102 Datasheet HTML 21Page - Analog Devices AD9102 Datasheet HTML 22Page - Analog Devices AD9102 Datasheet HTML 23Page - Analog Devices AD9102 Datasheet HTML 24Page - Analog Devices AD9102 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Data Sheet
AD9102
THEORY OF OPERATION
analog.com
Rev. B | 21 of 43
Figure 31. Serial Register Interface Timing, MSB First Write, 4-Wire SPI
Configuration Register Update Procedure
Most SPI accessible registers are double buffered. An active regis-
ter set controls operation of the AD9102 during pattern generation,
while a set of shadow registers stores updated register values.
Register configuration updates can be written at any time on the
shadow registers. After SPI configuration update is complete, Bit
0 in RAMUPDATE (Register 0x1D) must be set to 1 to arm the
register set for transfer from shadow registers to active registers.
This is required regardless of the state of the pattern generator in
PAT_STATUS (Register 0x1E, Bit 1).
The RAMUPDATE applies to all SPI settings but does not apply
to the 4096 × 14-bit SRAM registers. Refer to the SRAM section
for the SRAM update procedure. Because of the double buffer
configuration, performing an SPI read operation returns the values
in the shadow registers, not the active registers.
DAC TRANSFER FUNCTION
The AD9102 DAC provides a differential current output: IOUTP/
IOUTN. Digital waveforms, generated on-chip for input to the DAC,
use a two's complement number system. The sign bit of each digital
waveform word is inverted immediately prior to input to each DAC
core. The DAC input code variable in Equation 1 and Equation 2
uses an offset binary number system (two's complement with the
sign bit inverted).
The DAC output current equations are as follows:
IOUTP = IOUTFS × DAC INPUT CODE/214
(1)
IOUTN = IOUTFS × ((214 − 1) − DAC INPUT CODE)/214
(2)
where:
DAC INPUT CODE = 0 to 214 − 1.
IOUTFS = 32 × IREF
(3)
IREF = VREFIO/RSET
(4)
When using on-chip RSET resistors, DAC gain accuracy can be im-
proved by employing the built-in automatic gain calibration feature
of the device (see the Automatic IOUTFS Calibration section).
Analog Current Outputs
Optimum linearity and noise performance of DAC outputs can be
achieved when they are connected differentially to an amplifier or a
transformer. In these configurations, common-mode signals at the
DAC outputs are rejected.
The output compliance voltage specifications listed in Table 1 and
Table 2 must be adhered to for the performance specifications in
those tables to be met.
SETTING IOUTFS, DAC GAIN
IOUTFS is the full-scale current or DAC gain. IREF is the current that
flows through the IREF resistor. The IREF resistor can be on or off
chip at the discretion of the user.
As expressed in Equation 3 and Equation 4, IOUTFS is a function of
the reference voltage at the REFIO terminal and RSET.
Voltage Reference
The AD9102 contains an internal 1.0 V nominal band gap refer-
ence, VBG. By default, the on-chip reference is powered up and
ready to be used. When using the on-chip reference, the REFIO
terminal needs to be decoupled to AGND using a 0.1 μF capacitor
as shown in Figure 32.
Alternatively, on-chip reference can be replaced by a more accurate
off-chip reference. To apply external reference, set REF_EXT in
POWERCONFIG (Register 0x01, Bit 4) to 1 then apply the external
reference to the REFIO pin. In this case, the 0.1 μF capacitor is not
required. The internal reference can be directly overridden by the
external reference.
When using an external reference, it is recommended to power
down the internal reference to lessen power consumption. To do so,
set REF_PDN field in POWERCONFIG (Register 0x01, Bit 5) to 1.
An external reference can provide tighter reference voltage toleran-
ces and/or lower temperature drift than the on-chip band gap. Table
13 summarizes reference connections and programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com