Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9102
Description  Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9102 Datasheet HTML 19Page - Analog Devices AD9102 Datasheet HTML 20Page - Analog Devices AD9102 Datasheet HTML 21Page - Analog Devices AD9102 Datasheet HTML 22Page - Analog Devices AD9102 Datasheet HTML 23Page - Analog Devices AD9102 Datasheet HTML 24Page - Analog Devices AD9102 Datasheet HTML 25Page - Analog Devices AD9102 Datasheet HTML 26Page - Analog Devices AD9102 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Data Sheet
AD9102
THEORY OF OPERATION
analog.com
Rev. B | 23 of 43
10. Reset CAL_MODE_EN (Register 0x0D, Bit 6) and the calibra-
tion clock bit, CAL_CLK_EN (Register 0x0D, Bit 3) to Logic 0 to
disable the calibration clock.
11. Set CAL_MODE_EN (Register 0x0D, Bit 6) to Logic 0 to set the
RSET and gain control muxes to normal mode operation.
12. Disable the calibration clock bit, CAL_CLK_EN.
To reset the calibration, either pulse CAL_RESET (Register 0x0D,
Bit 8) to Logic 1 then Logic 0, pulse RESET (Pin 9), or pulse the
RESET bits in SPICONFIG (Register 0x00, Bit 13 and Bit 2).
CLOCK INPUT
For optimum DAC performance, the AD9102 clock input signal pair
(CLKP/CLKN) must be a very low jitter, fast rise time differential sig-
nal. The clock receiver generates its own common-mode voltage,
requiring these two inputs to be ac-coupled.
Figure 34 to Figure 37 are the preferred methods for clocking the
AD9102. Figure 34 shows the recommended interface to a number
of Analog Devices, Inc., low voltage differential signaling (LVDS)
clock drivers that work well with the AD9102, where a 100 Ω
termination resistor and two 0.1 μF coupling capacitors are used.
Figure 35 shows an interface to an Analog Devices differential
positive emitter coupled logic (PECL) driver, while Figure 36 shows
a single-ended-to-differential converter using a balun driving CLKP/
CLKN.
In applications where the analog output signals are at low frequen-
cies, the AD9102 clock input can be driven with a single-ended
complementary metal oxide semiconductor (CMOS) signal. Figure
37 shows such an interface. CLKP is driven directly from a CMOS
gate, and CLKN is bypassed to ground with a 0.1 μF capacitor
in parallel with a 39 kΩ resistor. The optional resistor is a series
termination.
Figure 34. Differential LVDS Clock Input
Figure 35. Differential PECL Sample Clock
Figure 36. Transformer Coupled Clock
Figure 37. Single-Ended 1.8 V CMOS Sample Clock
DAC Output Clock Edge
The DAC can be configured to output samples on the rising
or falling edge of the CLKP/CLKN clock input by configuring
DAC_INV_CLK in CLOCKCONFIG (Register 0x02, Bit 3). This
functionality sets the DAC output timing resolution at 1/(2 × fCLKP/
CLKN).
GENERATING SIGNAL PATTERNS
The AD9102 can generate two types of signal patterns under
control of its programmable pattern generator.
►
Periodic pulse train waveforms that repeat indefinitely, which
are waveforms that are output once during each pattern period.
Pattern periods occur one after the other so long as the pattern
generator is in the pattern ON state.
►
Periodic pulse train waveforms that repeat a finite number of
times, which are similar to those that repeat indefinitely except
that the waveforms are output during a finite number of consecu-
tive pattern periods.
Pattern Generator Programming
Figure 38 shows periodic pulse train waveforms as seen at the
output to the DAC. The DAC generates a digital signal stored
in SRAM multiplied by the DAC digital gain factor (see the DAC
Digital Gain Multiplier section). The SRAM data is read using the
DAC address counter (see the SRAM section). The waveform is
generated at every pattern period. See the Setting Pattern Period
section on how to set the pattern period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com