Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9102
Description  Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9102 Datasheet HTML 35Page - Analog Devices AD9102 Datasheet HTML 36Page - Analog Devices AD9102 Datasheet HTML 37Page - Analog Devices AD9102 Datasheet HTML 38Page - Analog Devices AD9102 Datasheet HTML 39Page - Analog Devices AD9102 Datasheet HTML 40Page - Analog Devices AD9102 Datasheet HTML 41Page - Analog Devices AD9102 Datasheet HTML 42Page - Analog Devices AD9102 Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Data Sheet
AD9102
REGISTER DESCRIPTIONS
analog.com
Rev. B | 39 of 43
DAC PATTERN REPEAT CYCLES REGISTER (DAC_PAT, ADDRESS 0X2B)
Table 33. Bit Descriptions for DAC_PAT
Bits
Bit Name
Settings
Description
Reset
Access
[15:8]
RESERVED
0x01
RW
[7:0]
DAC_REPEAT_CYCLE
The number of DAC pattern repeat cycles + 1, (0 → repeat 1 pattern).
0x01
RW
TRIGGER START TO DOUT SIGNAL REGISTER (DOUT_START, ADDRESS 0X2C)
Table 34. Bit Descriptions for DOUT_START
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
DOUT_START
Time between Trigger low and DOUT signal high in number of DAC clock cycles.
Increment = 1.
0x0003
RW
0x0003 3 DAC clock cycles (minimum).
0xFFFF 65535 DAC clock cycles (maximum).
DOUT CONFIGURATION REGISTER (DOUT_CONFIG, ADDRESS 0X2D)
Table 35. Bit Descriptions for DOUT_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[15:6]
RESERVED
0x000
RW
5
DOUT_VAL
Manually sets DOUT signal value; only valid when DOUT_MODE = 0 (manual mode).
0
RW
4
DOUT_MODE
Set different enable signal mode.
0
RW
0 DOUT pin is output from SDO/SDI2/DOUT pin and is manually controlled by Bit 5
(DOUT_ENM) and Bit 10 (DOUT_EN) in Register 0x00, which must be set to use this
feature.
1 DOUT pin is output from SDO/SDI2/DOUT. The pin is controlled by DOUT_START and
DOUT_STOP fields. Bit 5 (DOUT_ENM) and Bit 10 (DOUT_EN) in Register 0x00 must be
set to use this feature.
[3:0]
DOUT_STOP
Time between pattern end and DOUT signal low in number of DAC clock cycles.
Increment = 1.
0x0
RW
0x0 0 DAC clock cycles (minimum)
0xF 15 DAC clock cycles (maximum)
DAC CONSTANT VALUE REGISTER (DAC_CST, ADDRESS 0X31)
Table 36. Bit Descriptions for DAC_CST
Bits
Bit Name
Settings
Description
Reset
Access
[15:4]
DAC_CONST
Most significant byte of DAC constant value
0x000
RW
0x7FF Digital constant = IOUTFS − 1 LSB
0x000 Digital constant = 0
0x800 Digital constant = −IOUTFS + 1 LSB
[3:0]
RESERVED
0x0
RW
DAC DIGITAL GAIN REGISTER (DAC_DGAIN, ADDRESS 0X35)
Table 37. Bit Descriptions for DAC_DGAIN
Bits
Bit Name
Settings
Description
Reset
Access
[15:4]
DAC_DIG_GAIN
DAC digital gain. Range +2 to −2.
0x000
RW
0x400 Multiplies digital data at DAC channel path by +1
0x7FF Multiplies digital data at DAC channel path by +2
0x800 Multiplies digital data at DAC channel path by −2
0xC00 Multiplies digital data at DAC channel path by −1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com