Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9102
Description  Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9102 Datasheet HTML 25Page - Analog Devices AD9102 Datasheet HTML 26Page - Analog Devices AD9102 Datasheet HTML 27Page - Analog Devices AD9102 Datasheet HTML 28Page - Analog Devices AD9102 Datasheet HTML 29Page - Analog Devices AD9102 Datasheet HTML 30Page - Analog Devices AD9102 Datasheet HTML 31Page - Analog Devices AD9102 Datasheet HTML 32Page - Analog Devices AD9102 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Data Sheet
AD9102
APPLICATIONS INFORMATION
analog.com
Rev. B | 29 of 43
SIGNAL GENERATION EXAMPLES
Figure 46 shows a waveform stored in the 4096 × 14-bit
SRAM in an address segment defined by the START_ADDR and
STOP_ADDR being output by the DAC. The waveform is repeated
once during each pattern period. In each pattern period, a start
delay is executed, then the pattern is read from SRAM.
Figure 46. Pattern in SRAM
Figure 47 shows a pulsed sine wave generated by the DAC. The
DDS generates a sine wave at a programmed frequency based
on Equation 8. The DAC input datapath is programmed with a
start delay and a number of sine wave cycles to output. Figure 48
shows a sawtooth wave shape generated by the DAC in successive
pattern periods with a start delay.
Figure 47. Pulsed Sine Wave in Pattern Periods
Figure 48. Pulsed Sawtooth Waveform in Pattern Periods
Figure 49 shows the DAC outputting a sine wave modulated by
an amplitude envelope. The sine wave is generated by the DDS,
and the amplitude envelope is stored in SRAM. A start delay
and a digital gain factor are applied in the DAC input data path.
Figure 50 and Figure 51 show the DAC generating continuous
waveforms—one with start delays, one without. Figure 52 shows an
FSK modulated signal generated using a list of DDS tuning word bit
fields stored in SRAM. The SRAM address counter is incremented
by the rising edge of the DDS output MSB.
Figure 49. DDS Output Amplitude Modulated by SRAM Envelope
Figure 50. Waveform with Start Delays
Figure 51. Waveform Without Start Delays
Figure 52. FSK Modulated Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com