Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9102
Description  Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9102 Datasheet HTML 35Page - Analog Devices AD9102 Datasheet HTML 36Page - Analog Devices AD9102 Datasheet HTML 37Page - Analog Devices AD9102 Datasheet HTML 38Page - Analog Devices AD9102 Datasheet HTML 39Page - Analog Devices AD9102 Datasheet HTML 40Page - Analog Devices AD9102 Datasheet HTML 41Page - Analog Devices AD9102 Datasheet HTML 42Page - Analog Devices AD9102 Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Data Sheet
AD9102
REGISTER DESCRIPTIONS
analog.com
Rev. B | 40 of 43
Table 37. Bit Descriptions for DAC_DGAIN (Continued)
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
RESERVED
0x0
RW
DAC SAWTOOTH CONFIGURATION REGISTER (SAW_CONFIG, ADDRESS 0X37)
Table 38. Bit Descriptions for SAW_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[15:8]
RESERVED
0x01
RW
[7:2]
SAW_STEP
Number of samples per step for the DAC. Up to 64 samples per step.
0x01
RW
[1:0]
SAW_TYPE
The type of sawtooth (positive, negative or triangle) for the DAC.
0x0
RW
0x0 Ramp up saw wave.
0x1 Ramp down saw wave.
0x2 Triangle saw wave.
0x3 No wave, zero.
DDS TUNING WORD MSB REGISTER (DDS_TW32, ADDRESS 0X3E)
Table 39. Bit Descriptions for DDS_TW32
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
DDSTW_MSB
DDS tuning word MSB.
0x0000
RW
DDS TUNING WORD LSB REGISTER (DDS_TW1, ADDRESS 0X3F)
Table 40. Bit Descriptions for DDS_TW1
Bits
Bit Name
Settings
Description
Reset
Access
[15:8]
DDSTW_LSB
DDS tuning word LSB.
0x00
RW
[7:0]
RESERVED
0x00
RW
DDS PHASE OFFSET REGISTER (DDS_PW, ADDRESS 0X43)
Table 41. Bit Descriptions for DDS1_PW
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
DDS_PHASE
DDS phase offset.
0x0000
RW
0x0000 DDS phase offset = 0°
0x4000 DDS phase offset = 90°
0x8000 DDS phase offset = 180°
0xC000 DDS phase offset = 270°
PATTERN CONTROL 1 REGISTER (TRIG_TW_SEL, ADDRESS 0X44)
Table 42. Bit Descriptions for TRIG_TW_SEL
Bits
Bit Name
Settings
Description
Reset
Access
[15:2]
RESERVED
0x0000
RW
1
TRIG_DELAY_EN
Enable start delay as trigger delay for DAC channel.
0
RW
0 Delay repeats for all patterns.
1 Delay is only at the start of first pattern.
0
RESERVED
0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com