Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9102
Description  Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9102 Datasheet HTML 16Page - Analog Devices AD9102 Datasheet HTML 17Page - Analog Devices AD9102 Datasheet HTML 18Page - Analog Devices AD9102 Datasheet HTML 19Page - Analog Devices AD9102 Datasheet HTML 20Page - Analog Devices AD9102 Datasheet HTML 21Page - Analog Devices AD9102 Datasheet HTML 22Page - Analog Devices AD9102 Datasheet HTML 23Page - Analog Devices AD9102 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Data Sheet
AD9102
THEORY OF OPERATION
analog.com
Rev. B | 20 of 43
Figure 1 is a block diagram of the AD9102. The AD9102 has a
single 14-bit current output DAC.
An on-chip band gap reference is provided. Optionally, an off-chip
voltage reference may be used. The full-scale DAC output current,
also known as gain, is governed by the current, IREF. IREF is the
current that flows through the IREF resistor. The IREF set resistor can
be on or off chip at the discretion of the user. When the on-chip
RSET resistor is in use, DAC gain accuracy can be improved by em-
ploying the built in automatic gain calibration capability. Automatic
calibration can be used with the on-chip reference or an external
REFIO voltage. See the Automatic IOUTFS Calibration section for a
procedure for automatic gain calibration.
The power supply rails for the AD9102 are AVDD for analog
circuits, CLKVDD/CLDO for the clock input receiver, and DVDD/
DLDO1/DLDO2 for the digital I/O and for the on-chip digital data-
path. AVDD, DVDD, and CLKVDD can range from 1.8 V to 3.3 V
nominal. DLDO1, DLDO2, and CLDO operate at 1.8 V. If DVDD =
1.8 V, DLDO1 and DLDO2 must be connected to DVDD, with the
on-chip LDOs disabled. All three supplies are provided externally in
this case. Also, if CLKVDD = 1.8 V, CLDO must be connected to
CLKVDD, with the on-chip LDO disabled.
Digital signals input to the 14-bit DAC are generated by on-chip
digital waveform generation resources. From a digital datapath,
14-bit samples are input to the DAC at the CLKP/CLKN sample
rate. The data path includes gain and offset corrections and a
digital waveform source selection multiplexer. Waveform sources
are SRAM, direct digital synthesizer (DDS), DDS output amplitude
modulated by SRAM data, a sawtooth generator, DC constant, and
a pseudorandom sequence generator.
The waveforms output by the source selection multiplexer have
programmable pattern characteristics. The waveforms can be set
up to be continuous pulsed (fixed pattern period and start delay
within each pattern period), or finite pulsed (a set number of pattern
periods are output, then the pattern stops). Pulsed waveforms
(finite or continuous) have a programmed pattern period and start
delay. The waveform is present in each pulse period following the
programmed pattern period start and the start delay.
A SPI port enables loading of data into SRAM and programming of
all the control registers inside the device.
SPI PORT
The AD9102 provides a flexible, synchronous serial communica-
tions (SPI) port that allows easy interfacing to application spe-
cific integrated circuits (ASICs), field-programmable gate arrays
(FPGAs), and industry-standard microcontrollers. The interface al-
lows read/write access to all registers that configure the AD9102
and to the on-chip SRAM. Its data rate can be up to the SCLK clock
speed shown in Table 3 and Table 4.
The SPI interface operates as a standard synchronous serial com-
munication port. Chip Select (CS) is an active low chip select pin.
When CS is active low, SPI address and data transfer begins on
the SCLK rising edge. The first bit coming on SDIO is a read/write
indicator (high for read, low for write). The next 15 bits are the initial
register address.
For multiple consecutive register write/read operations in the 0x00
to 0x60 address space, the SPI port automatically decrements the
register address if CS stays low beyond the first data-word, allowing
writes to or reads from a set of contiguous addresses. Note that
0x60 must be used as the starting address for this to work. In this
mode, there is no provision to choose the beginning and ending
addresses to write. Refer to the SRAM section on how to access
the SRAM.
Table 12. Command Word
MSB
LSB
DB15
DB14
DB13
DB12
…
DB2
DB1
DB0
R/W
A14
A13
A12
…
A2
A1
A0
When the first bit of the command byte is a logic low (R/W bit = 0),
the SPI command is a write operation. In this case, SDIO remains
an input (see Figure 29 and Figure 31). When the first bit of the
command byte is a logic high (R/W bit = 1), the SPI command is
a read operation. In this case, data is driven out of the SDIO (see
Figure 30).
The SPI interface has a provision for 4-wire (default) or 3-wire
interface set in Bit 14 (SPI3WIRE) and Bit 1 (SPI3WIREM) in
SPICONFIG (Register 0x00). In 4-wire SPI interface mode (see
Figure 31), the AD9102 acts as the responder, whereas the FPGA
(such as the SDP-K1) acts as the controller. Data is read from SDO
(Pin 7), and the data is written by the controller through SDIO (Pin
2). The SPI communication finishes after the CS pin goes high.
Figure 29. Serial Register Interface Timing, MSB First Write, 3-Wire SPI
Figure 30. Serial Register Interface Timing, MSB First Read, 3-Wire SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com