Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9102
Description  Low Power, 14 Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9102 Datasheet HTML 13Page - Analog Devices AD9102 Datasheet HTML 14Page - Analog Devices AD9102 Datasheet HTML 15Page - Analog Devices AD9102 Datasheet HTML 16Page - Analog Devices AD9102 Datasheet HTML 17Page - Analog Devices AD9102 Datasheet HTML 18Page - Analog Devices AD9102 Datasheet HTML 19Page - Analog Devices AD9102 Datasheet HTML 20Page - Analog Devices AD9102 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
Data Sheet
AD9102
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 17 of 43
AVDD = 1.8 V, DVDD = DLDO1 = DLDO2 = 1.8 V, CLKVDD = CLDO = 1.8 V
Figure 17. SFDR, 2nd and 3rd Harmonics vs. fOUT at IOUTFS = 4 mA
Figure 18. SFDR, 2nd and 3rd Harmonics vs. fOUT at IOUTFS = 2 mA
Figure 19. SFDR vs. fOUT at Two IOUTFS Values
Figure 20. SFDR vs. fOUT at Three Temperatures
Figure 21. SFDR vs. fOUT at Three fDAC Values
Figure 22. Output Spectrum, fOUT = 13.87 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com