Electronic Components Datasheet Search
  English  ▼

X  

AD1852 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 4 Page - Analog Devices

  AD1852 Datasheet HTML 1Page - Analog Devices AD1852 Datasheet HTML 2Page - Analog Devices AD1852 Datasheet HTML 3Page - Analog Devices AD1852 Datasheet HTML 4Page - Analog Devices AD1852 Datasheet HTML 5Page - Analog Devices AD1852 Datasheet HTML 6Page - Analog Devices AD1852 Datasheet HTML 7Page - Analog Devices AD1852 Datasheet HTML 8Page - Analog Devices AD1852 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD1852
Rev. A | Page 4 of 20
DIGITAL I/O (0°C TO 70°C)
Table 3.
Parameter
Min
Typ
Max
Unit
Input Voltage High (VIH)
2.2
V
Input Voltage Low (VIL)
0.8
V
Input Leakage (IIH at VIH = 2.4 V)
10
μA
Input Leakage (IIL at VIL = 0.8 V)
10
μA
High Level Output Voltage (VOH), IOH = 1 mA
2.0
V
Low Level Output Voltage (VOL), IOL = 1 mA
0.4
V
Input Capacitance
20
pF
TEMPERATURE RANGE
Table 4.
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
0
70
°C
Storage
−55
+150
°C
POWER
Table 5.
Parameter
Min
Typ
Max
Unit
SUPPLIES
Voltage, Analog and Digital
4.50
5
5.50
V
Analog Current
33
40
mA
Analog Current—RESET
32
46
mA
Digital Current
20
30
mA
Digital Current—RESET
27
37
mA
DISSIPATION
Operation—Both Supplies
265
mW
Operation—Analog Supply
165
mW
Operation—Digital Supply
100
mW
POWER SUPPLY REJECTION RATIO
1 kHz, 300 mV p-p Signal at Analog Supply Pins
−60
dB
20 kHz, 300 mV p-p Signal at Analog Supply Pins
−50
dB
DIGITAL FILTER CHARACTERISTICS
Table 6.
Sample Rate (kHz)
Pass Band (kHz)
Stop Band (kHz)
Stop-Band Attenuation (dB)
Pass-Band Ripple (dB)
44.1
DC − 20
24.1 − 328.7
110
±0.0002
48
DC − 21.8
26.23 − 358.28
110
±0.0002
96
DC − 39.95
56.9 − 327.65
115
±0.0005
192
DC − 87.2
117 − 327.65
95
+0/−0.04 (DC − 21.8 kHz)
+0/−0.5 (DC − 65.4 kHz)
+0/−1.5 (DC − 87.2 kHz)
GROUP DELAY
Table 7.
Chip Mode
Group Delay Calculation
fS (kHz)
Group Delay (μs)
INT8× Mode
5553/(128 × fS)
48
903.8
INT4× Mode
5601/(64 × fS)
96
911.6
INT2× Mode
5659/(32 × fS)
192
921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com