Electronic Components Datasheet Search
  English  ▼

X  

AD1852 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 5 Page - Analog Devices

  AD1852 Datasheet HTML 1Page - Analog Devices AD1852 Datasheet HTML 2Page - Analog Devices AD1852 Datasheet HTML 3Page - Analog Devices AD1852 Datasheet HTML 4Page - Analog Devices AD1852 Datasheet HTML 5Page - Analog Devices AD1852 Datasheet HTML 6Page - Analog Devices AD1852 Datasheet HTML 7Page - Analog Devices AD1852 Datasheet HTML 8Page - Analog Devices AD1852 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1852
Rev. A | Page 5 of 20
DIGITAL TIMING
Guaranteed over 0°C to 70°C, AVDD = DVDD = 5.0 V × 10%.
Table 8.
Parameter
Description
Min
Unit
tDMP
MCLK period (fMCLK = 256 × fLRCLK)1
54
ns
tDML
MCLK low pulse width (all modes)
0.4 × tDMP
ns
tDMH
MCLK high pulse width (all modes)
0.4 × tDMP
ns
tDBH
BCLK high pulse width (see Figure 26)
20
ns
tDBL
BCLK low pulse width (see Figure 26)
20
ns
tDBP
BCLK period (see Figure 26)
60
ns
tDLS
LRCLK setup (see Figure 26)
20
ns
tDLH
LRCLK hold (DSP serial port mode only)
5
ns
tDDS
SDATA setup (see Figure 26)
5
ns
tDDH
SDATA hold (see Figure 26)
10
ns
tRSTL
RESET low pulse width
15
ns
1 Higher MCLK frequencies are allowable when using the on-chip master clock autodivide feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com