Electronic Components Datasheet Search
  English  ▼

X  

AD1852 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1852 Datasheet HTML 4Page - Analog Devices AD1852 Datasheet HTML 5Page - Analog Devices AD1852 Datasheet HTML 6Page - Analog Devices AD1852 Datasheet HTML 7Page - Analog Devices AD1852 Datasheet HTML 8Page - Analog Devices AD1852 Datasheet HTML 9Page - Analog Devices AD1852 Datasheet HTML 10Page - Analog Devices AD1852 Datasheet HTML 11Page - Analog Devices AD1852 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD1852
Rev. A | Page 8 of 20
Pin No.
Mnemonic
Input/Output
Description
25
LRCLK
I
Left/Right Clock Input for Serial Audio Data Input Port. This pin must run continuously.
26
BCLK
I
Bit Clock Input for Serial Audio Data Input Port. This pin need not run continuously; may be
gated or used in a burst fashion.
27
SDATA
I
Serial Audio Data Input, MSB First. Input for the serial audio data stream is as described the
in Serial Data Input Port section.
28
DVDD
I
Digital Power Supply. Connect this pin to the digital 5 V supply.
Table 12. Serial Data Input Mode
IDPM1 (Pin 20)
IDPM0 (Pin 21)
Serial Data Input Format
0
0
Right justified
0
1
I2S compatible
1
0
Left justified
1
1
DSP
LEFT CHANNEL
RIGHT CHANNEL
LSB
MSB–2
LSB+2 LSB+1
MSB–1
MSB–2
MSB–1
MSB
LSB+2 LSB+1
LSB
MSB
LSB
BCLK
INPUT
SDATA
INPUT
LRCLK
INPUT
Figure 3. Right-Justified Mode
MSB–2
MSB–1
MSB
LSB+2 LSB+1
LSB
LEFT CHANNEL
RIGHT CHANNEL
BCLK
INPUT
SDATA
INPUT
LRCLK
INPUT
MSB
LSB
MSB–2
LSB+2 LSB+1
MSB–1
MSB
Figure 4. I2S-Justified Mode
LEFT CHANNEL
RIGHT CHANNEL
BCLK
INPUT
SDATA
INPUT
LRCLK
INPUT
MSB–2
MSB–1
MSB
LSB+2
LSB+1
LSB
MSB
MSB–1
LSB
MSB–2
LSB+2
LSB+1
MSB–1
MSB
Figure 5. Left-Justified Mode
LEFT CHANNEL
RIGHT CHANNEL
BCLK
INPUT
SDATA
INPUT
LRCLK
INPUT
MSB–1
MSB
LSB+2
LSB+1
LSB
MSB
MSB–1
LSB
LSB+2 LSB+1
MSB–1
MSB
Figure 6. Left-Justified DSP Mode
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
MSB–1
MSB–2
LSB+2
LSB+1
MSB–1
MSB–2
MSB
LSB
LSB+2
LSB+1
MSB–1
LSB
MSB
BCLK
INPUT
SDATA
INPUT
LRCLK
INPUT
Figure 7. 32 × fS Packed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com