Electronic Components Datasheet Search
  English  ▼

X  

AD1852 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 2 Page - Analog Devices

  AD1852 Datasheet HTML 1Page - Analog Devices AD1852 Datasheet HTML 2Page - Analog Devices AD1852 Datasheet HTML 3Page - Analog Devices AD1852 Datasheet HTML 4Page - Analog Devices AD1852 Datasheet HTML 5Page - Analog Devices AD1852 Datasheet HTML 6Page - Analog Devices AD1852 Datasheet HTML 7Page - Analog Devices AD1852 Datasheet HTML 8Page - Analog Devices AD1852 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD1852
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Analog Performance .................................................................... 3
 
Digital I/O (0°C to 70°C)............................................................. 4
 
Temperature Range ...................................................................... 4
 
Power.............................................................................................. 4
 
Digital Filter Characteristics ....................................................... 4
 
Group Delay .................................................................................. 4
 
Digital Timing............................................................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ..............................................9
 
Theory of Operation ...................................................................... 12
 
Serial Data Input Port ................................................................ 12
 
Serial Data Input Mode ............................................................. 12
 
Master Clock Autodivide Feature ............................................ 13
 
SPI Register Definitions ............................................................ 13
 
Register Addresses...................................................................... 14
 
Volume Left and Volume Right Registers ............................... 14
 
SPI Timing................................................................................... 14
 
Mute ............................................................................................. 14
 
Control Register ......................................................................... 15
 
De-Emphasis............................................................................... 15
 
Output Impedance ..................................................................... 15
 
Reset ............................................................................................. 15
 
Control Signals ........................................................................... 15
 
Outline Dimensions ....................................................................... 18
 
Ordering Guide .......................................................................... 18
 
REVISION HISTORY
11/09—Rev. 0 to Rev. A
Changes to Format .............................................................Universal
Changes to Note 1............................................................................. 1
Changes to Table 2............................................................................ 3
Changes to Table 11.......................................................................... 7
Changes to Register Addresses Section and Mute Section ....... 14
Changes to Figure 29...................................................................... 16
1/00—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com