Electronic Components Datasheet Search
  English  ▼

X  

AD1852 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1852 Datasheet HTML 7Page - Analog Devices AD1852 Datasheet HTML 8Page - Analog Devices AD1852 Datasheet HTML 9Page - Analog Devices AD1852 Datasheet HTML 10Page - Analog Devices AD1852 Datasheet HTML 11Page - Analog Devices AD1852 Datasheet HTML 12Page - Analog Devices AD1852 Datasheet HTML 13Page - Analog Devices AD1852 Datasheet HTML 14Page - Analog Devices AD1852 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1852
Rev. A | Page 11 of 20
0
–140
–120
–100
–80
–60
–40
–20
–140
–20
–40
–60
–80
–100
–120
0
(dBFS)
–50
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
02468
10
12
14
16
18
20
22
FREQUENCY (kHz)
Figure 20. Linearity vs. Amplitude Input 200 Hz, SR 48 kS/s, 24-Bit Word
Figure 23. Dynamic Range for 1 kHz @ −60 dBFS, Triangular Dithered Input
–64
–76
–74
–72
–70
–68
–66
10
100
1k
10k 20k
FREQUENCY (Hz)
0
–160
–140
–150
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
08
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
FREQUENCY (kHz)
0
Figure 21. Power Supply Rejection vs. Frequency, AVDD 5 V DC + 100 mV p-p AC
Figure 24. Wideband Plot, 75 kHz Input, 2× Interpolation, SR 192 kHz
0
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
01
100
80
60
40
20
FREQUENCY (kHz)
20
0
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
01
100
80
60
40
20
FREQUENCY (kHz)
20
Figure 22. Wideband Plot, 15 kHz Input, 8× Interpolation, SR 48 kHz
Figure 25. Wideband Plot, 37 kHz Input, 4× Interpolation, SR 96 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com