Electronic Components Datasheet Search
  English  ▼

X  

AD1852 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1852 Datasheet HTML 5Page - Analog Devices AD1852 Datasheet HTML 6Page - Analog Devices AD1852 Datasheet HTML 7Page - Analog Devices AD1852 Datasheet HTML 8Page - Analog Devices AD1852 Datasheet HTML 9Page - Analog Devices AD1852 Datasheet HTML 10Page - Analog Devices AD1852 Datasheet HTML 11Page - Analog Devices AD1852 Datasheet HTML 12Page - Analog Devices AD1852 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD1852
Rev. A | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8 to Figure 13 show the calculated frequency response of the digital interpolation filters. Figure 14 to Figure 25 show the performance of
the AD1852 as measured by an Audio Precision System 2 Cascade. For the wideband plots, the noise floor shown in the plots is higher
than the actual noise floor of the AD1852. This is caused by the higher noise floor of the high bandwidth ADC used in the Audio Precision
measurement system. The two-tone test shown in Figure 16 is per the SMPTE standard for measuring intermodulation distortion.
0.0010
0.0008
0.0006
0.0004
0.0002
0
–0.0002
–0.0004
–0.0006
–0.0008
–0.0010
0246
8
10
12
14
16
18
20
22
FREQUENCY (kHz)
0
–160
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
200
250
300
350
FREQUENCY (kHz)
Figure 8. Pass-Band Response 8× Mode, 48 kHz Sample Rate
Figure 11. Complete Response, 8× Mode, 48 kHz Sample Rate
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–10
5
101520
25
303540
45
FREQUENCY (kHz)
0
–160
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
200
250
300
FREQUENCY (kHz)
Figure 9. 44 kHz Pass-Band Response 4× Mode, 96 kHz Sample Rate
Figure 12. Complete Response, 4× Mode, 96 kHz Sample Rate
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
10
203040
50
607080
90
FREQUENCY (kHz)
0
–160
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
200
250
FREQUENCY (kHz)
Figure 10. 88 kHz Pass-Band Response 2× Mode, 192 kHz Sample Rate
Figure 13. Complete Response, 2× Mode, 192 kHz Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com