Electronic Components Datasheet Search
  English  ▼

X  

AD1852 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1852 Datasheet HTML 11Page - Analog Devices AD1852 Datasheet HTML 12Page - Analog Devices AD1852 Datasheet HTML 13Page - Analog Devices AD1852 Datasheet HTML 14Page - Analog Devices AD1852 Datasheet HTML 15Page - Analog Devices AD1852 Datasheet HTML 16Page - Analog Devices AD1852 Datasheet HTML 17Page - Analog Devices AD1852 Datasheet HTML 18Page - Analog Devices AD1852 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD1852
Rev. A | Page 15 of 20
CONTROL REGISTER
Table 16 shows the functions of the control register. The control
register is addressed by having a 01 in the bottom two bits of the
16-bit SPI word. The top 14 bits are then used for the control register.
DE-EMPHASIS
The AD1852 has a built-in, de-emphasis filter that can be used
to decode CDs that have been encoded with the standard Red
Book 50 μs/15 μs emphasis response curve. Three curves are
available; one each for the 32 kHz, 44.1 kHz, and 48 kHz
sampling rates. The external DEEMP pin (Pin 9) turns on the
44.1 kHz de-emphasis filter. The other filters may be selected by
writing to Control Bit 2 and Control Bit 3 in the control register.
If the SPI port is used to control the de-emphasis filter, the
external DEEMP pin should be tied low.
OUTPUT IMPEDANCE
The output impedance of the AD1852 is 65 Ω ± 30%.
RESET
The AD1852 may be reset either by a dedicated hardware pin
(RESET, Pin 24) or by software via the SPI control port. When
reset is active, normal operation of the AD1852 is suspended,
and the outputs assume midscale values. The AD1852 should
always be reset at power up. The RESET function should be
active for a minimum of 64 master clock periods. When the
RESET function becomes inactive, normal operation continues
after a delay equal to the group delay, plus three MCLK periods.
Using the RESET pin, the internal registers are set to their
default values, when the RESET pin is active low. When RESET
rises, the default operation is enabled. Alternatively, the internal
registers can be reset to their default values by setting Bit 7 of
the internal control register high. When Bit 7 is reset low,
default operation continues. The software reset differs from the
hardware reset because the soft reset does not affect the values
stored in the SPI registers.
CONTROL SIGNALS
The IDPM0 and IDPM1 control inputs are normally connected
high or low to establish the operating state of the AD1852, as
described in Table 12. They can be changed dynamically (and
asynchronously to LRCLK and the master clock), but it is
possible that a click or pop sound will result during the
transition from one serial mode to another. If possible, the
AD1852 should be placed in mute before such a change is
made.
Table 16. Control Register Functions
Bit Number
Function
Bit 11
INT 2× mode OR’d with Pin 7 (192/48); default = 0
Bit 10
INT 4× mode OR’d with Pin 10 (96/48); default = 0
Bit 9:8
Number of bits in right-justified serial mode
0:0 = 24
0:1 = 20
1:0 = 16
Default = 0:0
Bit 7
Reset; default = 0
Bit 6
Soft mute OR’d with pin; default = 0
Bit 5:4
Serial mode OR’d with mode pins; IDPM1:IDPM0
0:0 = right-justified
0:1 = I2S
1:0 = left-justified
1:1 = DSP mode
Default = 0:0
Bit 3:2
De-emphasis filter select
0:0 = no filter
0:1 = 44.1 kHz filter
1:0 = 32 kHz filter
1:1 = 48 kHz filter
Default = 0:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com