Electronic Components Datasheet Search
  English  ▼

X  

AD1852 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1852 Datasheet HTML 10Page - Analog Devices AD1852 Datasheet HTML 11Page - Analog Devices AD1852 Datasheet HTML 12Page - Analog Devices AD1852 Datasheet HTML 13Page - Analog Devices AD1852 Datasheet HTML 14Page - Analog Devices AD1852 Datasheet HTML 15Page - Analog Devices AD1852 Datasheet HTML 16Page - Analog Devices AD1852 Datasheet HTML 17Page - Analog Devices AD1852 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD1852
Rev. A | Page 14 of 20
REGISTER ADDRESSES
The lowest two bits of the 16-bit serial control data word are
decoded as the address of the register into which the upper
14 bits are written. These bits are defined in Table 15.
Table 15. AD1852 Registers
Bit 1
Bit 0
Register
0
0
Volume left
1
0
Volume right
0
1
Control register
VOLUME LEFT AND VOLUME RIGHT REGISTERS
A write operation to the left or right volume registers activates
the autoramp, clickless volume control feature of the AD1852.
The upper 10 bits of the volume control word increment or
decrement by 1 at a rate equal to the input sample rate. The
bottom four bits are not fed into the autoramp circuit and thus
take effect immediately. This arrangement gives a worst-case
ramp time of about 20 ms for step changes of more than 60 dB,
which was determined by listening tests to be optimal in terms of
preventing the perception of a click sound on large volume
changes. See Figure 28 for a graphical description of how the
volume changes as a function of time.
The 14-bit volume control word is used to multiply the signal,
and therefore, the control characteristic is linear, not dB. A
constant dB/step characteristic can be obtained by using a
lookup table in the microprocessor that is writing to the SPI
port. The volume word is unsigned (that is, 0 dB is 11 1111
1111 1111).
20ms
TIME
–60
–60
0
0
VOLUME REQUEST REGISTER
ACTUAL VOLUME REGISTER
Figure 28. Smooth Volume Control
SPI TIMING
The SPI port is a 3-wire interface with serial data (CDATA),
serial bit clock (CCLK), and data latch (CLATCH). The data
is clocked into an internal shift register on the rising edge of
CCLK. The serial data should change on the falling edge of
CCLK and be stable on the rising edge of CCLK. The rising
edge of CLATCH is used internally to latch the parallel data
from the serial-to-parallel converter. This rising edge should be
aligned with the falling edge of the last CCLK pulse in the 16-bit
frame. The CCLK can run continuously between transactions.
Note that the serial control port timing is asynchronous to the
serial data port timing. Changes made to the attenuator level
update on the next edge of the LRCLK after the CLATCH write
pulse, as shown in Figure 27.
MUTE
The AD1852 offers two methods of muting the analog output.
By asserting the MUTE (Pin 23) signal high, both the left and
right channel are muted. As an alternative, the user can assert
the mute bit in the serial control register (Bit 6) high. The
AD1852 was designed to minimize pops and clicks when muting
and unmuting the device by automatically ramping the gain up
or down. When the device is unmuted, the volume returns to
the value set in the volume register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com