Electronic Components Datasheet Search
  English  ▼

X  

LT6552 Datasheet(PDF) 5 Page - Analog Devices

Part # LT6552
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6552 Datasheet(HTML) 5 Page - Analog Devices

  LT6552 Datasheet HTML 1Page - Analog Devices LT6552 Datasheet HTML 2Page - Analog Devices LT6552 Datasheet HTML 3Page - Analog Devices LT6552 Datasheet HTML 4Page - Analog Devices LT6552 Datasheet HTML 5Page - Analog Devices LT6552 Datasheet HTML 6Page - Analog Devices LT6552 Datasheet HTML 7Page - Analog Devices LT6552 Datasheet HTML 8Page - Analog Devices LT6552 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT1187
5
1187fb
For more information www.linear.com/LT1187
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted continuously.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LT1187MJ8, LT1187CJ8: TJ = TA + (PD • 100°C/W)
LT1187CN8:
TJ = TA + (PD • 100°C/W)
LT1187CS8:
TJ = TA + (PD • 150°C/W)
Note 4: When RL = 1k is specified, the load resistor is RFB1 + RFB2, but
when RL = 300Ω is specified, then an additional 430Ω is added to the
output such that (RFB1 + RFB2) in parallel with 430Ω is RL = 300Ω.
Note 5: VOS measured at the output (Pin 6) is the contribution from both
input pair and is input referred.
±5V ELECTRICAL CHARACTERISTICS 0°C ≤ T
A ≤ 70°C (LT1187C) –40°C ≤ TA ≤ 85°C (LT1187I) (Note 4)
VS = ±5V, VREF = 0V, RFB1 = 900Ω from Pins 6 to 8, RFB2 = 100Ω from Pin 8 to ground, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, Pin 5 open.
SYMBOL
PARAMETER
CONDITIONS
MIN
LT1187C/I
TYP
MAX
UNITS
VOS
Input Offset Voltage
Either Input (Note 5)
2.0
12
mV
ΔVOS/ΔT
Input VOS Drift
9.0
mV/°C
IOS
Input Offset Current
Either Input
0.2
1.5
µA
IB
Input Bias Current
Either Input
±0.5
±3.5
µA
Input Voltage Range
–2.5
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = –2.5V to 3.5V
70
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
65
85
dB
VOUT
Output Voltage Swing
VS = ±5V, RL = 1k, AV = 50
VS = ±8V, RL = 1k, AV = 50
VS = ±8V, RL = 300Ω, AV = 50 (Note 4)
±3.7
±6.6
±6.4
±4.0
±7.0
±6.8
V
V
V
GE
Gain Error
VO = ±1V, AV = 10, RL = 1k
0.2
1.0
%
IS
Supply Current
13
17
mA
Shutdown Supply Current
Pin 5 at V– (Note 12)
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V–
5
25
µA
5V ELECTRICAL CHARACTERISTICS 0°C ≤ T
A ≤ 70°C (LT1187C) –40°C ≤ TA ≤ 85°C (LT1187I) (Note 4)
VS+ = 5V, VS– = 0V, VREF = 2.5V, RFB1 = 900Ω from Pins 6 to 8, RFB2 = 100Ω from Pin 8 to VREF, RL = RFB1 + RFB2 = 1k, CL ≤ 10pF, Pin
5 open.
SYMBOL
PARAMETER
CONDITIONS
MIN
LT1187C/I
TYP
MAX
UNITS
VOS
Input Offset Voltage
Either Input (Note 5)
SO Package
2.0
2.0
12.0
13.0
mV
mV
ΔVOS/ΔT
Input VOS Drift
9.0
µV/°C
IOS
Input Offset Current
Either Input
0.2
1.5
µA
IB
Input Bias Current
Either Input
±0.5
±3.5
µA
Input Voltage Range
2.0
3.5
V
CMRR
Common Mode Rejection Ratio
VCM = 2.0V to 3.5V
70
100
dB
VOUT
Output Voltage Swing
RL = 300Ω to Ground
(Note 4)
VOUT High
3.5
4.0
V
VOUT Low
0.15
0.4
V
IS
Supply Current
12
16
mA
Shutdown Supply Current
Pin 5 at V– (Note 12)
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V–
5
25
µA
Note 6: VIN LIM is the maximum voltage between –VIN and +VIN (Pin 2 and
Pin 3) for which the output can respond.
Note 7: Slew rate is measured between ±0.5V on the output, with a VIN
step of ±0.75V, AV = 3 and RL = 1k.
Note 8: Full power bandwidth is calculated from the slew rate
measurement: FPBW = SR/2πVP.
Note 9: Settling time measurement techniques are shown in “Take the
Guesswork Out of Settling Time Measurements,” EDN, September 19,
1985.
Note 10: NTSC (3.58MHz).
Note 11: AC parameters are 100% tested on the ceramic and plastic DIP
packaged parts (J8 and N8 suffix) and are sample tested on every lot of
the SO packaged parts (S8 suffix).
Note 12: See Application section for shutdown at elevated temperatures.
Do not operate shutdown above TJ > 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com