Electronic Components Datasheet Search
  English  ▼

X  

LT6552 Datasheet(PDF) 7 Page - Analog Devices

Part # LT6552
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6552 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT6552 Datasheet HTML 3Page - Analog Devices LT6552 Datasheet HTML 4Page - Analog Devices LT6552 Datasheet HTML 5Page - Analog Devices LT6552 Datasheet HTML 6Page - Analog Devices LT6552 Datasheet HTML 7Page - Analog Devices LT6552 Datasheet HTML 8Page - Analog Devices LT6552 Datasheet HTML 9Page - Analog Devices LT6552 Datasheet HTML 10Page - Analog Devices LT6552 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LT1187
7
1187fb
For more information www.linear.com/LT1187
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection Ratio vs
Frequency
Output Short-Circuit Current vs
Temperature
±Output Swing vs Supply Voltage
Gain, Phase vs Frequency
Open-Loop Voltage Gain vs
Load Resistance
Gain Bandwidth Product vs
Supply Voltage
Gain Bandwidth Product and
Unity Gain Phase Margin vs
Temperature
Output Impedance vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (Hz)
0
20
60
80
100
100k
1187 G10
–20
1M
10M
100M
40
0
20
60
80
100
–20
40
GAIN
VS = 5V
TA = 25°C
RL = 1k
PHASE
LOAD RESISTANCE (W)
100
0
4k
8k
12k
16k
1k
10k
VS = 5V
VO = 3V
TA = 25°C
1187 G11
SUPPLY VOLTAGE (V)
0
30
40
50
60
2
4
8
10
1187 G12
6
TA = 25°C
TA = 125°C
AV = 20dB
TA = –55°C
TEMPERATURE (°C)
–50
30
50
60
0
50
100 125
1187 G13
40
–25
25
75
35
55
65
45
VS = 5V
RL = 1k
GAIN BANDWIDTH
PRODUCT
UNITY GAIN
PHASE MARGIN
FREQUENCY (Hz)
0.1
1.0
10
100
1k
1187 G14
10k
100k
1M
10M
100M
VS = 5V
TA = 25°C
AV = 10
AV = 2
FREQUENCY (Hz)
50
60
70
80
100k
10M
100M
1187 G15
30
1M
40
VS = 5V
TA = 25°C
RL = 1k
FREQUENCY (Hz)
0
20
40
60
80
1k
100k
10M
100M
1187 G16
–20
10k
1M
VS = 5V
TA = 25°C
VRIPPLE = 300mV
+PSRR
–PSRR
TEMPERATURE (°C)
– 50
30
34
36
0
25
75
125
1187 G17
–25
50
100
VS = 5V
32
31
33
35
SUPPLY VOLTAGE (V)
V+
1187 G18
V–
0.3
–0.8
– 0.7
0.2
0
2
4
6
10
8
–0.9
–1.0
0.4
0.5
0.1
–1.1
–55°C
125°C
RL = 1k
1.8V VS 9V
125°C
25°C
–55°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com