Electronic Components Datasheet Search
  English  ▼

X  

LT6552 Datasheet(PDF) 8 Page - Analog Devices

Part # LT6552
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6552 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT6552 Datasheet HTML 4Page - Analog Devices LT6552 Datasheet HTML 5Page - Analog Devices LT6552 Datasheet HTML 6Page - Analog Devices LT6552 Datasheet HTML 7Page - Analog Devices LT6552 Datasheet HTML 8Page - Analog Devices LT6552 Datasheet HTML 9Page - Analog Devices LT6552 Datasheet HTML 10Page - Analog Devices LT6552 Datasheet HTML 11Page - Analog Devices LT6552 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LT1187
8
1187fb
For more information www.linear.com/LT1187
TYPICAL PERFORMANCE CHARACTERISTICS
Harmonic Distortion vs
Output Voltage
Large-Signal Transient Response
Output Voltage Step vs
Settling Time, AV = 2
Small-Signal Transient Response
Small-Signal Transient Response
Output Voltage Swing vs
Load Resistance
Slew Rate vs Temperature
LOAD RESISTANCE (W)
10
–5
–3
1
5
100
1000
1187 G19
3
–1
TA = –55°C
TA = 125°C
VS = 5V
TA = 125°C
TA = –55°C
TA = 25°C
TA = 25°C
TEMPERATURE (°C)
1187 G20
–50
150
200
250
–25
0
50
75
25
100 125
–SLEW RATE
+SLEW RATE
VS = 5V
RL = 1k
VO = 0.5V
AV = 2
SETTLING TIME (ns)
40
–4
–2
2
4
50
100
1187 G21
60
70
80
90
VS = 5V
TA = 25°C
RL = 1k
0
10mV
10mV
OUTPUT VOLTAGE (VP-P)
0
–30
–35
–40
–45
–50
–55
–60
3
5
1187 G22
1
2
4
6
7
HD3
HD2
VS = 5V
TA = 25°C
RL = 1k
f = 1MHz
AV = 10
INPUT IN LIMITING, AV = 3, SR = 180V/µs
1187 G23
AV = 2, RFB = 1k, OVERSHOOT = 25%
1187 G24
AV = 2, RFB = 1k, OVERSHOOT = 25%
1187 G25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com