Electronic Components Datasheet Search
  English  ▼

X  

LT6552 Datasheet(PDF) 9 Page - Analog Devices

Part # LT6552
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6552 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT6552 Datasheet HTML 5Page - Analog Devices LT6552 Datasheet HTML 6Page - Analog Devices LT6552 Datasheet HTML 7Page - Analog Devices LT6552 Datasheet HTML 8Page - Analog Devices LT6552 Datasheet HTML 9Page - Analog Devices LT6552 Datasheet HTML 10Page - Analog Devices LT6552 Datasheet HTML 11Page - Analog Devices LT6552 Datasheet HTML 12Page - Analog Devices LT6552 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT1187
9
1187fb
For more information www.linear.com/LT1187
APPLICATIONS INFORMATION
The primary use of the LT1187 is in converting high speed
differential signals to a single-ended output. The LT1187
video difference amplifier has two uncommitted high
input impedance (+) and (–) inputs. The amplifier has
another set of inputs which can be used for reference and
feedback. Additionally, this set of inputs give gain adjust
and DC control to the difference amplifier. The voltage
gain of the LT1187 is set like a conventional operational
amplifier. Feedback is applied to Pin 8, and it is optimized
for gains of 2 or greater. The amplifier can be operated
single-ended by connecting either the (+) or (–) inputs to
the +/REF (Pin 1). The voltage gain is set by the resistors:
(RFB + RG)/RG.
Like the single-ended case, the differential voltage gain
is set by the external resistors: (RFB + RG)/RG. The maxi-
mum input differential signal for which the output will
respond is approximately ±0.38V.
Power Supply Bypassing
The LT1187 is quite tolerant of power supply bypass-
ing. In some applications a 0.1µF ceramic disc capacitor
placed 1/2 inch from the amplifier is all that is required. In
applications requiring good settling time, it is important
to use multiple bypass capacitors. A 0.1µF ceramic disc
in parallel with a 4.7µF tantalum is recommended.
Calculating the Output Offset Voltage
Both input stages contribute to the output offset voltage at
Pin 6. The feedback correction forces balance in the input
stages by introducing an input VOS at Pin 8. The complete
expression for the output offset voltage is:
VOUT=(VOS+IOS(RS)+IB(RREF))•(RFB+RG)/RG+IB(RFB)
RS represents the input source resistance, typically 75Ω,
and RREF represents the finite source impedance from the
DC reference voltage, for VREF grounded, RREF = 0Ω. The
IOS is normally a small contributor and the expression
simplifies to:
VOUT = VOS(RFB + RG)/RG + IB(RFB)
If RFB is limited to 1k the last term of the equation con-
tributes only 2mV, since IB is less than 2µA.
V+
7
6
LT1187
V–
4
1
8
OUT
V
+
3
–
2
IN
V
S/D
5
AV = +
RFB +
RFB
7
6
LT1187
4
1
8
OUT
V
+
3
–
2
IN DIFF
V
S/D
5
RFB
1187 F01
7
6
LT1187
4
+/REF
1
–/FB
8
OUT
V
+
3
–
2
S/D
5
VO =
RFB +
RFB
7
6
LT1187
4
1
8
OUT
V
+
3
–
2
IN
V
S/D
5
AV = –
RFB +
RFB
IN
V
IN
V
(
( VINDIFF RFB
( ( VIN
+/REF
–/FB
+/REF
–/FB
+/REF
–/FB
RG
RG
RG
VO = (V
RFB +
IN DIFF + VIN)
RG
RG
RG
IN DIFF
V
RG
RG
RG
RG
–
RG
RG
RG
V+
V–
V+
V–
V+
V–
1187 F02
+ 1 REF
RREF
RG
8
RFB
6
350µA
+
3
RS
345µA
–
2
RS
7 V+
RE
1.1k
RE
1.1k
4 V–
Q1
Q2
Q3
Q4
Figure 1.
Figure 2. Simplified Input Stage Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com