Electronic Components Datasheet Search
  English  ▼

X  

LT6552 Datasheet(PDF) 10 Page - Analog Devices

Part # LT6552
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6552 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT6552 Datasheet HTML 6Page - Analog Devices LT6552 Datasheet HTML 7Page - Analog Devices LT6552 Datasheet HTML 8Page - Analog Devices LT6552 Datasheet HTML 9Page - Analog Devices LT6552 Datasheet HTML 10Page - Analog Devices LT6552 Datasheet HTML 11Page - Analog Devices LT6552 Datasheet HTML 12Page - Analog Devices LT6552 Datasheet HTML 13Page - Analog Devices LT6552 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LT1187
10
1187fb
For more information www.linear.com/LT1187
Operating with Low Closed-Loop Gains
The LT1187 has been optimized for closed-loop gains
of 2 or greater. For a closed-loop gain of 2 the response
peaks about 2dB. Peaking can be eliminated by placing a
capacitor across the feedback resistor, (feedback zero).
This peaking shows up as time domain overshoot of about
25%.
APPLICATIONS INFORMATION
Extending the Input Range
Figure 2 shows a simplified schematic of the LT1187. In
normal operation REF, Pin 1, is grounded or taken to a DC
offset control voltage and differential signals are applied
between Pins 2 and 3. The input responds linearly until
all of the 345µA current flows through the 1.1k resistor
and Q1 (or Q2) turns off. Therefore the maximum input
swing is 380mVP or 760mVP-P. The second differential
pair, Q3 and Q4, is running at slightly larger current so
that when the first input stage limits, the second stage
remains biased to maintain the feedback.
Occasionally it is necessary to handle signals larger than
760mVP-P at the input. The LT1187 input stage can be
tricked to handle up to 1.5VP-P. To do this, it is necessary
to ground Pin 3 and apply the differential input signal
between Pins 1 and 2. The input signal is now applied
across two 1.1k resistors in series. Since the input signal
is applied to both input pairs, the first pair will run out of
bias current before the second pair, causing the amplifier
to go open loop. The results of this technique are shown
in the following scope photo.
Figure 3. Closed-Loop Voltage Gain vs Frequency
AV = 2, OVERSHOOT = 25%, RFB = RG = 1k
1187 F04
Figure 4. Small-Signal Transient Response
FREQUENCY (Hz)
9
1187 F03
100M
10M
1M
100k
7
5
–1
1
3
VS = 5V
TA = 25°C
AV = 2
RFB = 900Ω
RG = 900Ω
CFB = 0pF
0
2
4
6
8
CFB = 10pF
CFB = 5pF
AV = 2, WITH 8µF FEEDBACK CAPACITOR
1187 F05
Figure 5. Small-Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com