Electronic Components Datasheet Search
  English  ▼

X  

LT6552 Datasheet(PDF) 11 Page - Analog Devices

Part # LT6552
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6552 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT6552 Datasheet HTML 7Page - Analog Devices LT6552 Datasheet HTML 8Page - Analog Devices LT6552 Datasheet HTML 9Page - Analog Devices LT6552 Datasheet HTML 10Page - Analog Devices LT6552 Datasheet HTML 11Page - Analog Devices LT6552 Datasheet HTML 12Page - Analog Devices LT6552 Datasheet HTML 13Page - Analog Devices LT6552 Datasheet HTML 14Page - Analog Devices LT6552 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LT1187
11
1187fb
For more information www.linear.com/LT1187
APPLICATIONS INFORMATION
Using the Shutdown Feature
The LT1187 has a unique feature that allows the amplifier
to be shutdown for conserving power, or for multiplexing
several amplifiers onto a common cable. The amplifier
will shut down by taking Pin 5 to V–. In shutdown, the
amplifier dissipates 15mW while maintaining a true high
impedance output state of 20k in parallel with the feed-
back resistors. For MUX applications, the amplifiers may
be configured inverting, noninverting or differential. When
the output is loaded with as little 1k from the amplifier’s
feedback resistors, the amplifier shuts off in 600ns. This
shutoff can be under the control of HC CMOS operating
between 0V and –5V.
The ability to maintain shutoff is shown on the curve
Shutdown Supply Current vs Temperature in the Typical
Performance Characteristics section. At very high ele-
vated temperature it is important to hold the shutdown
pin close to the negative supply to keep the supply current
from increasing.
Send Color Video Over Twisted-Pair
With an LT1187 it is possible to send and receive color
composite video signals more than 1000 feet on a low
cost twisted-pair. A bidirectional “video bus” consists
of the LT1195 op amp and the LT1187 video difference
amplifier. A pair of LT1195s at Transmit 1 is used to gen-
erate differential signals to drive the line which is back-
terminated in its characteristic impedance. The LT1187
twisted-pair receiver converts signals from differential to
single-ended. Topology of the LT1187 provides for cable
compensation at the amplifier’s feedback node as shown.
In this case, 1000 feet of twisted-pair is compensated
with 1000pF and 50Ω to boost the 3dB bandwidth of the
system from 750kHz to 4MHz. This bandwidth is adequate
to pass a 3.58MHz chroma subcarrier and the 4.5MHz
sound subcarrier. Attenuation in the cable can be compen-
sated by lowering the gain set resistor RG. At Transmit 2,
another pair of LT1195s serve the dual function to provide
cable termination via low output impedance, and gener-
ate differential signals for Transmit 2. Cable termination
is made up of a 15Ω and 33Ω attenuator to reduce the
differential input signal to the LT1187. Maximum input
signal for the LT1187 is 760mVP-P.
(A) STANDARD INPUTS, PINS 2 TO 3, VIN = 1.0VP-P
(B) EXTENDED INPUTS, PINS 2 TO 2, VIN = 1.0VP-P
(C) EXTENDED INPUTS, PINS 1 TO 2, VIN = 2.0VP-P
1187 F06
Figure 6. LT1187 in Unity Gain
AV = 2, RFB = RG = 1k
1187 F07
1187 F08
Figure 7. 1MHz Sine Wave Gated Off with Shutdown Pin
Figure 8. 1.5MHz Square Wave Input and Unequalized Response
Through 1000 Feet of Twisted-Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com