Electronic Components Datasheet Search
  English  ▼

X  

LT6552 Datasheet(PDF) 1 Page - Analog Devices

Part # LT6552
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6552 Datasheet(HTML) 1 Page - Analog Devices

  LT6552 Datasheet HTML 1Page - Analog Devices LT6552 Datasheet HTML 2Page - Analog Devices LT6552 Datasheet HTML 3Page - Analog Devices LT6552 Datasheet HTML 4Page - Analog Devices LT6552 Datasheet HTML 5Page - Analog Devices LT6552 Datasheet HTML 6Page - Analog Devices LT6552 Datasheet HTML 7Page - Analog Devices LT6552 Datasheet HTML 8Page - Analog Devices LT6552 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT1187
1
1187fb
For more information www.linear.com/LT1187
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low Power
Video Difference Amplifier
The LT®1187 is a difference amplifier optimized for opera-
tion on ±5V, or a single 5V supply and gain ≥2. This ver-
satile amplifier features uncommitted high input imped-
ance (+) and (–) inputs, and can be used in differential or
single-ended configurations. Additionally, a second set
of inputs give gain adjustment and DC control to the dif-
ference amplifier.
The LT1187’s high slew rate, 165V/µs, wide bandwidth,
50MHz, and ±20mA output current require only 13mA of
supply current. The shutdown feature reduces the power
dissipation to a mere 15mW and allows multiple ampli-
fiers to drive the same cable.
The LT1187 is a low power version of the popular LT1193,
and is available in 8-pin miniDIPs and SO packages. For
applications with gains of 10 or more, see the LT1189
data sheet.
Cable Sense Amplifier for Loop Through Connections with DC Adjust
n
Differential or Single-Ended Gain Block (Adjustable)
n
–3dB Bandwidth, AV = ±2: 50MHz
n
Slew Rate: 165V/µs
n
Low Supply Current: 13mA
n
Output Current: ±20mA
n
CMRR at 10MHz: 40dB
n
LT1193 Pin Compatible
n
Low Cost
n
Single 5V Operation
n
Drives Cables Directly
n
Output Shutdown
n
Available in 8-Lead PDIP and SO Packages
n
Line Receivers
n
Video Signal Processing
n
Cable Drivers
n
Tape and Disc Drive Systems
Closed-Loop Gain vs Frequency
All registered trademarks and trademarks are the property of their respective owners.
1187 TA01
CABLE
DC
V
5V
7
6
LT1187
–5V
4
+
+
3
1
–
–
2
8
1k
OUT
V
IN
V
1k
FREQUENCY (MHz)
0
10
20
30
40
0.1
10
100
1187 TA02
–10
1
VS = 5V
RL = 1k


Similar Part No. - LT6552

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Analog Devices
LT6552 AD-LT6552 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
logo
Linear Technology
LT6552CDD LINER-LT6552CDD Datasheet
350Kb / 16P
3.3V Single Supply Video Difference Amplifier
LT6552CS8 LINER-LT6552CS8 Datasheet
350Kb / 16P
3.3V Single Supply Video Difference Amplifier
More results

Similar Description - LT6552

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1187 LINER-LT1187 Datasheet
385Kb / 12P
Low Power Video Difference Amplifier
LT1189 LINER-LT1189 Datasheet
349Kb / 12P
Low Power Video Difference Amplifier
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194 Datasheet
1Mb / 21P
Video Difference Amplifier?
LT1193 LINER-LT1193_01 Datasheet
433Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_01 Datasheet
246Kb / 12P
Video Difference Amplifier
LT1187 LINER-LT1187_15 Datasheet
420Kb / 16P
Low Power Video Difference Amplifi er
LT1193 LINER-LT1193_15 Datasheet
442Kb / 12P
Video Difference Amplifier
LT1194 LINER-LT1194_15 Datasheet
256Kb / 12P
Video Difference Amplifier
LT1189 LINER-LT1189_15 Datasheet
316Kb / 12P
Low Power Video Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com