Electronic Components Datasheet Search
  English  ▼

X  

LT6552 Datasheet(PDF) 12 Page - Analog Devices

Part # LT6552
Description  Low Power Video Difference Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6552 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT6552 Datasheet HTML 8Page - Analog Devices LT6552 Datasheet HTML 9Page - Analog Devices LT6552 Datasheet HTML 10Page - Analog Devices LT6552 Datasheet HTML 11Page - Analog Devices LT6552 Datasheet HTML 12Page - Analog Devices LT6552 Datasheet HTML 13Page - Analog Devices LT6552 Datasheet HTML 14Page - Analog Devices LT6552 Datasheet HTML 15Page - Analog Devices LT6552 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LT1187
12
1187fb
For more information www.linear.com/LT1187
APPLICATIONS INFORMATION
–
+
LT1195
1k
1k
75
3
2
6
3
2
6
1k
1k
33
33
+
+
–
–
S/D
6
5
3
2
1
8
RFB
300
75
LT1187
RG
300
50
1000pF
–
+
LT1195
1k
3
2
6
1k
75
33
LT1195
LT1195
1k
33
6
2
3
+
+
–
–
LT1187
5
S/D
3
2
1
8
RFB
300
50
RG
300
1000pF
75
6
RECEIVE 1
RECEIVE 2
1000 FEET
TWISTED-PAIR
1k
TRANSMIT 2
TRANSMIT 1
–
+
–
+
1187 F11
15
15
15
15
1187 F09
1187 F10
Figure 9. 1.5MHz Square Wave Input and Equalized Response
Through 1000 Feet of Twisted-Pair
Figure 10. Multiburst Pattern Passed Through 1000 Feet of
Twisted-Pair
Figure 11. Bidirectional Video Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com