Electronic Components Datasheet Search
  English  ▼

X  

DS3101 Datasheet(PDF) 49 Page - Dallas Semiconductor

Part # DS3101
Description  Stratum 3/3E Timing Card IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3101 Datasheet(HTML) 49 Page - Dallas Semiconductor

Back Button DS3101 Datasheet HTML 45Page - Dallas Semiconductor DS3101 Datasheet HTML 46Page - Dallas Semiconductor DS3101 Datasheet HTML 47Page - Dallas Semiconductor DS3101 Datasheet HTML 48Page - Dallas Semiconductor DS3101 Datasheet HTML 49Page - Dallas Semiconductor DS3101 Datasheet HTML 50Page - Dallas Semiconductor DS3101 Datasheet HTML 51Page - Dallas Semiconductor DS3101 Datasheet HTML 52Page - Dallas Semiconductor DS3101 Datasheet HTML 53Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 149 page
background image
DS3101 Stratum 3/3E Timing Card IC
49 of 149
7.9.1
Master-Slave Pin Feature
Some of the elements of redundancy configuration listed in Table 7-14 are automatically handled in the device
when the master-slave pin feature is used (MASTSLV). When this feature is supported in a system, one output
clock of the master device must be wired to input clock IC11 on the slave device, and one output clock of the slave
device should be wired to IC11 on the master device. This cross-wiring allows the system to dynamically configure
either device as master and the other as slave.
When the MASTSLV pin is wired low on one device, that device is configured as the slave. The other device must
be configured as the master by wiring its MASTSLV pin high. In each device the state of the MASTSLV pin is
always indicated in the read-only MASTSLV bit in register MCR3.
The slave device (MASTSLV = 0) is automatically configured as follows:
The priority of input clock IC11 is set to 1 (highest) (IPR6:PRI11[3:0] = 0001).
Phase build-out is disabled (MCR10:PBOEN = 0).
Revertive mode is enabled (MCR3:REVERT = 1).
T0 DPLL bandwidth is forced to the acquisition setting (i.e., to the setting in the T0ABW register,
which should be set to a high bandwidth by software).
In the master device (MASTSLV = 1), none of these settings are forced to specific values. Rather, each setting is
configured as needed for normal operation of the system. During configuration, software should configure the
master to disable (priority 0) input clock IC11 and should configure the remaining input clock priorities identically in
master and slave. During operation, software must maintain matching input clock priorities, as described in item 3
of Table 7-14.
The master-slave pin feature is optional and can be disabled by wiring the MASTSLV pin high on both devices. If
this feature is disabled, all the elements of equipment redundancy listed in Table 7-14 must be configured and
maintained by software.
7.9.2
Master-Slave Output Clock Phase Alignment
When the T0 DPLL is locked to a selected reference with frequency f, any output clocks derived from T0 with
frequency f are phase aligned with the selected reference (if phase build-out is disabled). Any output clocks derived
from T0 with frequency greater than f are “falling edge aligned” with the frequency-f output clock. Any output clocks
derived from T0 with frequency less than f may or may not be aligned, depending on whether or not their
frequencies are integer sub-multiples of f. These statements also apply to output clocks derived from the T4 DPLL.
Given this information, if master and slave devices are cross-wired with 19.44MHz clocks, for example, the output
clocks at N x 19.44MHz (N = 1, 2, 4, 8, or 16) from the two devices are phase-aligned with one another. Output
clocks at lower frequencies (6.48MHz, 1.544MHz, 2.048MHz, 2kHz, 8kHz, etc.) from the two devices would not
necessarily be phase aligned. In many systems, lack of phase alignment between the two devices at these clock
rates is not an issue. In some systems, however, the 2kHz and/or 8kHz clocks of the two devices must be aligned
to avoid framing errors during switchover between master and slave.
One way to align the 2kHz and/or 8kHz clocks of the master and slave devices is to configure the slave to lock to a
2kHz or 8kHz output of the master. Another way is to use the SYNC2K input as described in Section 7.9.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com