Electronic Components Datasheet Search
  English  ▼

X  

DS3101 Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS3101
Description  Stratum 3/3E Timing Card IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3101 Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS3101 Datasheet HTML 28Page - Dallas Semiconductor DS3101 Datasheet HTML 29Page - Dallas Semiconductor DS3101 Datasheet HTML 30Page - Dallas Semiconductor DS3101 Datasheet HTML 31Page - Dallas Semiconductor DS3101 Datasheet HTML 32Page - Dallas Semiconductor DS3101 Datasheet HTML 33Page - Dallas Semiconductor DS3101 Datasheet HTML 34Page - Dallas Semiconductor DS3101 Datasheet HTML 35Page - Dallas Semiconductor DS3101 Datasheet HTML 36Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 149 page
background image
DS3101 Stratum 3/3E Timing Card IC
32 of 149
7.7.4
Damping Factor
The damping factor for the T0 DPLL is configured in the DAMP field of the T0CR2 register, while the damping
factor the T4 DPLL is configured in the DAMP field of the T4CR2 register. The reset default damping factors for
both DPLLs are chosen to give a maximum wander gain peak of approximately 0.1dB. Available settings are a
function of DPLL bandwidth (configured in the T4BW, T0ABW, and T0LBW registers). See Table 7-5.
Table 7-5. Damping Factors and Peak Jitter/Wander Gain
BANDWIDTH
DAMP[2:0]
VALUE
DAMPING FACTOR
GAIN PEAK (dB)
0.5mHz to 4Hz
1, 2, 3, 4, 5
5
0.1
1
2.5
0.2
8Hz
2, 3, 4, 5
5
0.1
1
1.2
0.4
2
2.5
0.2
18 Hz
3, 4, 5
5
0.1
1
1.2
0.4
2
2.5
0.2
3
5
0.1
35 Hz
4, 5
10
0.06
1
1.2
0.4
2
2.5
0.2
3
5
0.1
4
10
0.06
70 Hz
5
20
0.03
7.7.5
Phase Detectors
Phase detectors are used to compare a PLL’s feedback clock with its input clock. Several phase detectors are
available in both the T0 and T4 DPLLs:
Phase/frequency detector (PFD)
Early/late phase detector (PD2) for fine resolution
Multicycle phase detector (MCPD) for large input jitter tolerance
These detectors can be used in combination to give fine phase resolution combined with large jitter tolerance. As
with the rest of the DPLL logic, the phase detectors operate at input frequencies up to 77.76MHz. The multicycle
phase detector detects and remembers phase differences of many cycles (up to 8191UI).
The phase detectors can be configured for normal phase/frequency locking (
±360° capture) or nearest-edge phase
locking (
±180° capture). With nearest-edge detection the phase detectors are immune to occasional missing clock
cycles. The DPLL automatically switches to nearest-edge locking when the multicycle phase detector is disabled
and the other phase detectors determine that phase lock has been achieved. Setting D180 = 1 in the TEST1
register disables nearest-edge locking and forces the DPLL to use phase/frequency locking.
The early/late phase detector, also known as phase detector 2, is enabled and configured in the PD2* fields of
registers T0CR2 and T0CR3 for the T0 DPLL and registers T4CR2 and T4CR3 for the T4 DPLL. The reset default
settings of these registers are appropriate for all operating modes. Adjustments only affect small signal overshoot
and bandwidth.
The multicycle phase detector is enabled by setting MCPDEN = 1 in the PHLIM2 register. The range of the
MCPD—from
±1UI up to ±8191UI—is configured in the COARSELIM field of PHLIM2. The MCPD tracks phase
position over many clock cycles, giving high jitter tolerance. Thus the use of the MCPD is an alternative to the use
of LOCK8K mode for jitter tolerance.
When USEMCPD = 1 in PHLIM2, the MCPD is used in the DPLL loop, giving faster pull-in but more overshoot. In
this mode the loop has similar behavior to LOCK8K mode. In both cases large phase differences contribute to the
dynamics of the loop. When enabled by MCPDEN = 1, the MCPD tracks the phase position whether or not it is
used in the DPLL loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com