Electronic Components Datasheet Search
  English  ▼

X  

DS3101 Datasheet(PDF) 29 Page - Dallas Semiconductor

Part # DS3101
Description  Stratum 3/3E Timing Card IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3101 Datasheet(HTML) 29 Page - Dallas Semiconductor

Back Button DS3101 Datasheet HTML 25Page - Dallas Semiconductor DS3101 Datasheet HTML 26Page - Dallas Semiconductor DS3101 Datasheet HTML 27Page - Dallas Semiconductor DS3101 Datasheet HTML 28Page - Dallas Semiconductor DS3101 Datasheet HTML 29Page - Dallas Semiconductor DS3101 Datasheet HTML 30Page - Dallas Semiconductor DS3101 Datasheet HTML 31Page - Dallas Semiconductor DS3101 Datasheet HTML 32Page - Dallas Semiconductor DS3101 Datasheet HTML 33Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 149 page
background image
DS3101 Stratum 3/3E Timing Card IC
29 of 149
7.7.1.3
Locked State
The T0 DPLL state machine can reach the locked state from the prelocked, prelocked 2, or loss-of-lock states
when the DPLL has locked to the selected reference for at least one second (see Section 7.7.6). In the locked
state, the output clocks track the phase and frequency of the selected reference.
While in the locked state, if the selected reference is so impaired that an activity alarm or a hard frequency limit
alarm is raised (corresponding ACT or HARD bit set in the ISR register), then the selected reference is invalidated
(ICn bit goes low in VALSR registers), and the state machine immediately transitions to either the prelocked 2 state
(if another valid input clock is available) or the holdover state (if no other input clock is valid).
If loss-of-lock is declared while in the locked state, the state machine transitions to the loss-of-lock state.
7.7.1.4
Loss-of-Lock State
When the loss-of-lock detectors (see Section 7.7.6) indicate loss-of-phase lock, the state machine immediately
transitions from the locked state to the loss-of-lock state. In the loss-of-lock state the DPLL tries for 100 seconds
(default value of PHLKTO register) to regain phase lock. If phase lock is regained during that period, the state
machine transitions back to the locked state.
If, during the phase-lock timeout period specified by PHLKTO, the selected reference is so impaired that an activity
alarm or a hard frequency limit alarm is raised (corresponding ACT or HARD bit set in the ISR registers), then the
selected reference is invalidated (ICn bit goes low in VALSR registers), and the state machine immediately
transitions to either the prelocked 2 state (if another valid input clock is available) or the holdover state (if no other
input clock is valid).
If phase lock cannot be regained by the end of the phase-lock timeout period, then a phase lock alarm is raised
(corresponding LOCK bit set in the ISR registers), the selected reference is invalidated (ICn bit goes low in VALSR
registers), and the state machine transitions to either the prelocked 2 state (if another valid input clock is available)
or the holdover state (if no other input clock is valid).
7.7.1.5
Prelocked 2 State
The prelocked and prelocked 2 states are similar. The prelocked 2 state provides a 100-second period (default
value of PHLKTO register) for the DPLL to lock to the new selected reference. If phase lock is achieved during this
period, then the state machine transitions to locked mode.
If the DPLL fails to lock to the new selected reference within the phase-lock timeout period specified by PHLKTO,
then a phase lock alarm is raised (corresponding LOCK bit set in the ISR registers), invalidating the input (ICn bit
goes low in VALSR registers). If another input clock is valid, the state machine re-enters the prelocked 2 state and
tries to lock to the alternate input clock. If no other input clocks are valid, the state machine transitions to the
holdover state.
In revertive mode (REVERT = 1 in MCR3), if a higher priority input clock becomes valid during the phase-lock
timeout period, the state machine re-enters the prelocked 2 state and tries to lock to the higher priority input.
If a phase-lock timeout period longer than 100 seconds is required for locking (such as 700 seconds for Stratum 3E
applications), then the PHLKTO register must be configured accordingly.
7.7.1.6
Holdover State
The device reaches the holdover state when it declares its selected reference invalid and has no other valid input
clocks available. During holdover the T0 DPLL is not phase locked to any input clock but instead generates its
output frequency from stored frequency information, typically the averaged frequency of the DPLL when it was in
the locked state. The device can be configured for manual or automatic holdover as described in the following
subsections. When at least one input clock has been declared valid the state machine immediately transitions from
holdover to the prelocked 2 state and tries to lock to the highest priority valid clock.
7.7.1.6.1
Automatic Holdover
For automatic holdover (MANHO = 0 in MCR3), the device can be further configured for instantaneous mode or
averaged mode. In instantaneous mode (AVG = 0 in HOCR3), the holdover frequency is set to the DPLL’s current
frequency at the moment of entry into holdover (i.e., the value of the FREQ field in the FREQ1, FREQ2 and FREQ3
registers when MCR11:T4T0 = 0). The FREQ field is the DPLL’s integral path and therefore is an average



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com