Electronic Components Datasheet Search
  English  ▼

X  

DS3101 Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS3101
Description  Stratum 3/3E Timing Card IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3101 Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS3101 Datasheet HTML 41Page - Dallas Semiconductor DS3101 Datasheet HTML 42Page - Dallas Semiconductor DS3101 Datasheet HTML 43Page - Dallas Semiconductor DS3101 Datasheet HTML 44Page - Dallas Semiconductor DS3101 Datasheet HTML 45Page - Dallas Semiconductor DS3101 Datasheet HTML 46Page - Dallas Semiconductor DS3101 Datasheet HTML 47Page - Dallas Semiconductor DS3101 Datasheet HTML 48Page - Dallas Semiconductor DS3101 Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 149 page
background image
DS3101 Stratum 3/3E Timing Card IC
45 of 149
JITTER (TYP)
FREQUENCY (MHz)
T0 DPLL MODE
T4 DPLL
MODE
T4 APLL
SOURCE
OFREQN
SETTING
RMS
(ps)
pk-pk
(ns)
2.796
Not OC4 or OC5
DS3
T4 DPLL
1011
80
0.7
3.088
Not OC6
24 x DS1
0101
400
2.8
3.088
Via Digital1, not OC7
77.76MHz, analog
0100
3800
13
3.088
Via Digital2, not OC6
77.76MHz, analog
0011
3800
13
3.088
Via Digital1, not OC7
Any digital feedback
0100
3800
18
3.088
Via Digital2, not OC6
Any digital feedback
0011
3800
18
3.088
24 x DS1
T4 DPLL
1100
150
1.0
3.088
T0 24 x DS1
1100
400
2.8
3.728
DS3
T4 DPLL
1100
80
0.7
3.90625
Not OC4 or OC5
GbE
÷ 16
T4 DPLL
1011
70
0.6
4.096
Via Digital1, not OC7
77.76 MHz, analog
0100
3800
13
4.096
Via Digital2, not OC6
77.76 MHz, analog
0011
3800
13
4.096
Via Digital1, not OC7
Any digital feedback
0100
3800
18
4.096
Via Digital2, not OC6
Any digital feedback
0011
3800
18
4.296
Not OC4 or OC5
2 x E3
T4 DPLL
1011
350
2.0
4.86
Not OC4 or OC5
77.76MHz
T4 DPLL
1011
60
0.6
5.2083
GbE
÷ 16
T4 DPLL
1100
70
0.6
5.728
2 x E3
T4 DPLL
1100
350
2.0
6.144
12 x E1
0110
425
2.6
6.144
12 x E1
T4 DPLL
1101
55
0.6
6.144
T0 12 x E1
1101
250
1.5
6.176
16 x DS1
0110
435
2.8
6.176
Via Digital1, not OC7
77.76MHz, analog
0100
3800
13
6.176
Via Digital2, not OC6
77.76MHz, analog
0011
3800
13
6.176
Via Digital1, not OC7
Any digital feedback
0100
3800
18
6.176
Via Digital2, not OC6
Any digital feedback
0011
3800
18
6.176
16 x DS1
T4 DPLL
1101
140
1.2
6.176
T0 16 x DS1
1101
275
1.9
6.312
4 x 6312kHz
0110
340
2.3
6.312
Via Digital 2, not OC6
77.76MHz, analog
0011
3800
13
6.312
Via Digital 2, not OC6
Any digital feedback
0011
3800
18
6.312
4 x 6312kHz
T4 DPLL
1101
240
1.8
6.312
T0 4 x 6312kHz
1101
260
1.8
6.48
Not OC6
77.76MHz, analog
0101
60
0.6
6.48
Not OC6
77.76MHz, digital
0101
60
0.6
6.48
77.76 MHz
T4 DPLL
1100
60
0.6
8.192
12 x E1
0111
425
2.6
8.192
16 x E1
0110
380
2.6
8.192
Via Digital1, not OC7
77.76 MHz, analog
0100
3800
13
8.192
Via Digital2, not OC6
77.76 MHz, analog
0011
3800
13
8.192
Via Digital1, not OC7
Any digital feedback
0100
3800
18
8.192
Via Digital2, not OC6
Any digital feedback
0011
3800
18
8.192
16 x E1
T4 DPLL
1101
50
0.5
8.192
T0 16 x E1
1101
350
2.4
8.235
16 x DS1
0111
435
2.8
8.416
4 x 6312kHz
0111
340
2.3
9.264
24 x DS1
0110
400
2.8
9.264
24 x DS1
T4 DPLL
1101
150
1.0
9.264
T0 24 x DS1
1101
400
2.8
10.923
16 x E1
0111
380
2.6
11.184
DS3
T4 DPLL
1101
80
0.7
12.288
12 x E1
1000
425
2.6
12.288
12 x E1
T4 DPLL
1110
55
0.6
12.288
T0 12 x E1
1110
250
1.5
12.352
24 x DS1
0111
400
2.8
12.352
16 x DS1
1000
435
2.8
12.352
16 x DS1
T4 DPLL
1110
140
1.2
12.352
T0 16 x DS1
1110
275
1.9
12.352
Via Digital1, Not OC7
77.76MHz, analog
0100
3800
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com