Electronic Components Datasheet Search
  English  ▼

X  

4571 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 36Page - Renesas Technology Corp 4571 Datasheet HTML 37Page - Renesas Technology Corp 4571 Datasheet HTML 38Page - Renesas Technology Corp 4571 Datasheet HTML 39Page - Renesas Technology Corp 4571 Datasheet HTML 40Page - Renesas Technology Corp 4571 Datasheet HTML 41Page - Renesas Technology Corp 4571 Datasheet HTML 42Page - Renesas Technology Corp 4571 Datasheet HTML 43Page - Renesas Technology Corp 4571 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
Rev.1.02
May 25, 2007
Page 40 of 124
REJ03B0179-0102
4571 Group
(2) Power-on reset
Reset can be automatically performed at power on (power-on
reset) by the built-in power-on reset circuit. When the built-in
power-on reset circuit is used, set the time for the supply voltage
to rise from 0 V to the minimum voltage of recommended
operating conditions to 100
µs or less.
If the rising time exceeds 100
µs, connect a capacitor between
the RESET pin and Vss at the shortest distance, and input “L”
level to RESET pin until the value of supply voltage reaches the
minimum operating voltage.
(3) System reset instruction (SRST)
By executing the SRST instruction, “L” level is output to RESET
pin and system reset is performed.
Fig 42. Power-on reset operation
Note 1.Output latch is set to “1.”
Note 2.The output structure is N-channel open-drain.
Note 3.Pull-up transistor is turned OFF.
100
µsor less
VDD (Note 1)
Power-on reset
circuit output
Internal reset signal
Note: Keep the value of supply voltage to
the minimum value or more of the
recommended operating conditions.
Reset
released
Reset
state
Power-on
Table 18 Port state at reset
Name
Function
State
D0
−D3
D0
−D3
High-impedance (Notes 1, 2)
D4/CNTR0
D4
High-impedance (Note 1)
P00
−P03
P00
−P03
High-impedance (Notes 1, 3)
P10
−P13
P10
−P13
High-impedance (Notes 1, 3)
P20/INT0, P21/INT1
P20
, P21
High-impedance (Notes 1, 3)
P30, P31
P30, P31
High-impedance (Notes 1, 2)
C/CNTR1
C/CNTR1
(VSS)
K
K
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com