| Electronic Components Datasheet Search |
|
4571 Datasheet(PDF) 92 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4571 Datasheet(HTML) 92 Page - Renesas Technology Corp |
|
92 / 126 page ![]() Rev.1.02 May 25, 2007 Page 92 of 124 REJ03B0179-0102 4571 Group MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) TAMR (Transfer data to Accumulator from register MR) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 101 00 10 2 25 2 16 11 - - Opera- tion: (A) ← (MR) Grouping: Clock operation Description: Transfers the contents of clock control register MR to reg- ister A. TAPU0 (Transfer data to Accumulator from register PU0) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 101 01 11 2 25 7 16 11 - - Opera- tion: (A) ← (PU0) Grouping: Input/Output operation Description: Transfers the contents of pull-up control register PU0 to register A. TAPU1 (Transfer data to Accumulator from register PU1) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 101 11 10 2 25 E 16 11 - - Opera- tion: (A) ← (PU1) Grouping: Input/Output operation Description: Transfers the contents of pull-up control register PU1 to register A. TAPU2 (Transfer data to Accumulator from register PU2) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 101 11 11 2 25 F 16 11 - - Opera- tion: (A) ← (PU2) Grouping: Input/Output operation Description: Transfers the contents of pull-up control register PU2 to register A. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |