Electronic Components Datasheet Search
  English  ▼

X  

4571 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 16Page - Renesas Technology Corp 4571 Datasheet HTML 17Page - Renesas Technology Corp 4571 Datasheet HTML 18Page - Renesas Technology Corp 4571 Datasheet HTML 19Page - Renesas Technology Corp 4571 Datasheet HTML 20Page - Renesas Technology Corp 4571 Datasheet HTML 21Page - Renesas Technology Corp 4571 Datasheet HTML 22Page - Renesas Technology Corp 4571 Datasheet HTML 23Page - Renesas Technology Corp 4571 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
Rev.1.02
May 25, 2007
Page 20 of 124
REJ03B0179-0102
4571 Group
(7) Interrupt sequence
Interrupts only occur when the respective INTE flag, interrupt
enable bits (V10
−V13, V20, V23), and interrupt request flag are
“1.” The interrupt actually occurs 2 to 3 machine cycles after the
cycle in which all three conditions are satisfied. The interrupt
occurs after 3 machine cycles only when the three interrupt
conditions are satisfied on execution of other than one-cycle
instructions (Refer to Figure 22).
Fig 22. Interrupt sequence
T3
T2
T1
1 machine cycle
System clock
(STCK)
Interrupt enable
flag (INTE)
INT0
INT1
T1F
T2F
T3F
The program starts
from the interrupt
address.
Interrupt activated
condition is satisfied.
Flag cleared
2 to 3 machine cycles
(Notes 1, 2)
EXF0
EXF1
External 0,
External 1
interrupt
Timer 1
Timer 2
Timer 3
interrupt
VDF
Voltage drop
detection circuit
interrupt
When an interrupt request flag is set after its interrupt is enabled
EI instruction execution
cycle
Interrupt enabled state
Interrupt disabled state
Retaining level of system
clock for 4 periods or more
is necessary.
Notes 1: The address is stacked to the last cycle.
2: This interval of cycles depends on the executed instruction at the time
when each interrupt activated condition is satisfied.
T3
T2
T1
T3
T2
T1
T3
T2
T1
T2
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com