Electronic Components Datasheet Search
  English  ▼

X  

4571 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 22Page - Renesas Technology Corp 4571 Datasheet HTML 23Page - Renesas Technology Corp 4571 Datasheet HTML 24Page - Renesas Technology Corp 4571 Datasheet HTML 25Page - Renesas Technology Corp 4571 Datasheet HTML 26Page - Renesas Technology Corp 4571 Datasheet HTML 27Page - Renesas Technology Corp 4571 Datasheet HTML 28Page - Renesas Technology Corp 4571 Datasheet HTML 29Page - Renesas Technology Corp 4571 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
Rev.1.02
May 25, 2007
Page 26 of 124
REJ03B0179-0102
4571 Group
TIMERS
The 4571 Group has the following timers.
• Programmable timer
The programmable timer has a reload register and enables the
frequency dividing ratio to be set. It is decremented from a
setting value n. When it underflows (count to n + 1), a timer
interrupt request flag is set to “1,” new data is loaded from the
reload register, and count continues (auto-reload function).
• Fixed dividing frequency timer
The fixed dividing frequency timer has the fixed frequency
dividing ratio (n). An interrupt request flag is set to “1” after
every n count of a count pulse.
Fig 30. Auto-reload function
n+1 count
Reload
n+1 count
An interrupt occurs or
a skip instruction is executed.
1st underflow
Reload
2nd underflow
FF16
Time
n
0016
“1”
“0”
n : Counter initial value
Timer interrupt
request flag
Count starts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com