Electronic Components Datasheet Search
  English  ▼

X  

4571 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # 4571
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4571 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button 4571 Datasheet HTML 92Page - Renesas Technology Corp 4571 Datasheet HTML 93Page - Renesas Technology Corp 4571 Datasheet HTML 94Page - Renesas Technology Corp 4571 Datasheet HTML 95Page - Renesas Technology Corp 4571 Datasheet HTML 96Page - Renesas Technology Corp 4571 Datasheet HTML 97Page - Renesas Technology Corp 4571 Datasheet HTML 98Page - Renesas Technology Corp 4571 Datasheet HTML 99Page - Renesas Technology Corp 4571 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 126 page
background image
Rev.1.02
May 25, 2007
Page 96 of 124
REJ03B0179-0102
4571 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
TEAB
(Transfer data to register E from Accumulator and register B)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
001
10
10 2 01 A 16
11
-
-
Opera-
tion:
(E7
−E4) ← (B)
(E3
−E0) ← (A)
Grouping:
Register to register transfer
Description: Transfers the contents of register B to the high-order 4 bits
(E3
−E0) of register E, and the contents of register A to the
low-order 4 bits (E3
−E0) of register E.
TFR0A
(Transfer data to register FR0 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
010
10
00 2 22 8 16
11
-
-
Opera-
tion:
(FR0)
← (A)
Grouping:
Input/Output operation
Description: Transfers the contents of register A to port output structure
control register FR0.
TFR1A
(Transfer data to register FR1 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
010
10
01 2 22 9 16
11
-
-
Opera-
tion:
(FR1)
← (A)
Grouping:
Input/Output operation
Description: Transfers the contents of register A to port output structure
control register FR1.
TI1A
(Transfer data to register I1 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
001
01
11 2 21 7 16
11
-
-
Opera-
tion:
(I1)
← (A)
Grouping:
Interrupt operation
Description: Transfers the contents of register A to interrupt control reg-
ister I1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com