Electronic Components Datasheet Search
  English  ▼

X  

ADT7490 Datasheet(PDF) 67 Page - Analog Devices

Part # ADT7490
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7490 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADT7490 Datasheet HTML 63Page - Analog Devices ADT7490 Datasheet HTML 64Page - Analog Devices ADT7490 Datasheet HTML 65Page - Analog Devices ADT7490 Datasheet HTML 66Page - Analog Devices ADT7490 Datasheet HTML 67Page - Analog Devices ADT7490 Datasheet HTML 68Page - Analog Devices ADT7490 Datasheet HTML 69Page - Analog Devices ADT7490 Datasheet HTML 70Page - Analog Devices ADT7490 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
ADT7490
Rev. 0 | Page 67 of 76
Table 68. Register 0x74—Interrupt Mask Register 1 (Power-On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[0]
+2.5VIN/THERM
R/W
+2.5VIN/THERM = 1 masks SMBALERT for out-of-limit conditions on the +2.5VIN/THERM timer
channel.
[1]
VCCP
R/W
VCCP = 1 masks SMBALERT for out-of-limit conditions on the VCCP channel.
[2]
VCC
R/W
VCC = 1 masks SMBALERT for out-of-limit conditions on the VCC channel.
[3]
+5VIN
R/W
+5VIN = 1 masks SMBALERT for out-of-limit conditions on the +5VIN channel.
[4]
R1T
R/W
R1T = 1 masks SMBALERT for out-of-limit conditions on the Remote 1 temperature channel.
[5]
LT
R/W
LT = 1 masks SMBALERT for out-of-limit conditions on the Local temperature channel.
[6]
R2T
R/W
R2T = 1 masks SMBALERT for out-of-limit conditions on the Remote 2 temperature channel.
[7]
OOL
R/W
OOL = 1 masks SMBALERT assertions when the OOL status bit is set.
Note that the OOL mask bit is independent of the individual mask bits associated with Interrupt
Status 2 register. Therefore, if the intention is to mask SMBALERT assertions for any of the Interrupt
Status 2 register bits, OOL must also be masked.
Table 69. Register 0x75—Interrupt Mask Register 2 (Power-On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[0]
+12VIN
R/W
When Pin 21 is configured as a +12VIN input, +12VIN = 1 masks SMBALERT for out-of-limit conditions
on the +12VIN channel.
[1]
OOL
R/W
OOL = 1 masks SMBALERT assertions when the OOL status bit is set.
Note that the OOL mask bit is independent of the individual mask bits in Interrupt Mask 3 register
(0x82). Therefore, if the intention is to mask SMBALERT assertions for any of the Status Register 4 bits,
OOL must also be masked.
[2]
FAN1
R/W
FAN1 = 1 masks SMBALERT for a Fan 1 fault.
[3]
FAN2
R/W
FAN2 = 1 masks SMBALERT for a Fan 2 fault.
[4]
FAN3
R/W
FAN3 = 1 masks SMBALERT for a Fan 3 fault.
[5]
F4P
R/W
If Pin 14 is configured as TACH4, F4P = 1 masks SMBALERT for a Fan 4 fault.
If Pin 14 is configured as THERM, F4P = 1 masks SMBALERT for an exceeded THERM timer limit.
[6]
D1
R/W
D1 = 1 masks SMBALERT for a diode open or short on a Remote 1 channel.
[7]
D2
R/W
D2 = 1 masks SMBALERT for a diode open or short on a Remote 2 channel.
Table 70. Register 0x76—Extended Resolution Register 1 (Power-On Default = 0x00)1
Bit No.
Mnemonic
R/W
Description
[1:0]
+2.5VIN
Read-only
+2.5VIN LSBs. Holds the 2 LSBs of the 10-bit +2.5VIN measurement.
[3:2]
VCCP
Read-only
VCCP LSBs. Holds the 2 LSBs of the 10-bit VCCP measurement.
[5:4]
VCC
Read-only
VCC LSBs. Holds the 2 LSBs of the 10-bit VCC measurement.
[7:6]
+5VIN
Read-only
+5VIN LSBs. Holds the 2 LSBs of the 10-bit +5VIN measurement.
1 If this register is read, this register and the registers holding the MSB of each reading are frozen until read.
Table 71. Register 0x77—Extended Resolution Register 2 (Power-On Default = 0x00)1
Bit
Name
R/W
Description
[1:0]
+12VIN
Read-only
+12VIN LSBs. Holds the 2 LSBs of the 10-bit +12VIN measurement.
[3:2]
TDM1
Read-only
Remote 1 Temperature LSBs. Holds the 2 LSBs of the 10-bit Remote 1 temperature measurement.
[5:4]
LTMP
Read-only
Local Temperature LSBs. Holds the 2 LSBs of the 10-bit local temperature measurement.
[7:6]
TDM2
Read-only
Remote 2 Temperature LSBs. Holds the 2 LSBs of the 10-bit Remote 2 temperature measurement.
1 If this register is read, this register and the registers holding the MSB of each reading are frozen until read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com