Electronic Components Datasheet Search
  English  ▼

X  

ADT7490 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT7490
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7490 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT7490 Datasheet HTML 9Page - Analog Devices ADT7490 Datasheet HTML 10Page - Analog Devices ADT7490 Datasheet HTML 11Page - Analog Devices ADT7490 Datasheet HTML 12Page - Analog Devices ADT7490 Datasheet HTML 13Page - Analog Devices ADT7490 Datasheet HTML 14Page - Analog Devices ADT7490 Datasheet HTML 15Page - Analog Devices ADT7490 Datasheet HTML 16Page - Analog Devices ADT7490 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
ADT7490
Rev. 0 | Page 13 of 76
START-UP OPERATION
At startup, the ADT7490 turns the fans on to 100% PWM. This
allows the most robust operation at turn-on.
SERIAL BUS INTERFACE
Control of the ADT7490 is carried out using the serial system
management bus (SMBus). The ADT7490 is connected to this
bus as a slave device, under the control of a master controller.
The ADT7490 has a 7-bit serial bus address. When the device
is powered up with Pin 13 (PWM3/ADDREN) high, the
ADT7490 has a default SMBus address of 0101110 or 0x2E.
The read/write bit must be added to get the 8-bit address.
If more than one ADT7490 is to be used in a system, each
ADT7490 is placed in address select mode by strapping Pin 13
low on power-up. The logic state of Pin 14 then determines the
device’s SMBus address. The logic of these pins is sampled on
power-up.
The device address is sampled on power-up and latched on the
first valid SMBus transaction, more precisely on the low-to-
high transition at the beginning of the eighth SCL pulse, when
the serial bus address byte matches the selected slave address.
The selected slave address is chosen using the ADDREN/
ADDR SELECT pins. Any attempted changes in the address
have no effect after this.
Table 7. Hardwiring the ADT7490 SMBus Device Address
Pin 13 State
Pin 14 State
Address
0
Low (10 kΩ to GND)
0101100 (0x2C)
0
High (10 kΩ pull-up)
0101101 (0x2D)
1
Don’t care
0101110 (0x2E)
Data is sent over the serial bus in sequences of nine clock
pulses: eight bits of data followed by an acknowledge bit from
the slave device. Transitions on the data line must occur during
the low period of the clock signal and remain stable during the
high period, because a low-to-high transition when the clock is
high may be interpreted as a stop signal. The number of data
bytes that can be transmitted over the serial bus in a single read
or write operation is limited only by what the master and slave
devices can handle.
When all data bytes have been read or written, stop conditions
are established. In write mode, the master pulls the data line
high during the 10th clock pulse to assert a stop condition. In
read mode, the master device overrides the acknowledge bit by
pulling the data line high during the low period before the
ninth clock pulse; this is known as no acknowledge. The master
takes the data line low during the low period before the 10th
clock pulse, and then high during the 10th clock pulse to assert
a stop condition.
Any number of bytes of data can be transferred over the serial
bus in one operation, but it is not possible to mix read and write
in one operation because the type of operation is determined at
the beginning and cannot subsequently be changed without
starting a new operation.
In the ADT7490, write operations contain either one or two
bytes, and read operations contain one byte. To write data to
one of the device data registers or read data from it, the address
pointer register must be set so that the correct data register is
addressed. Then data can be written into that register or read
from it. The first byte of a write operation always contains an
address that is stored in the address pointer register. If data is
to be written to the device, the write operation must contain a
second data byte that is written to the register selected by the
address pointer register.
This write operation is shown in Figure 19. The device address
is sent over the bus, and then R/W is set to 0. This is followed
by two data bytes. The first data byte is the address of the
internal data register to be written to, which is stored in the
address pointer register. The second data byte is the data to be
written to the internal data register.
When reading data from a register, there are two possibilities:
•
If the ADT7490 address pointer register value is unknown
or not the desired value, it must first be set to the correct
value before data can be read from the desired data register.
This is done by performing a write to the ADT7490 as
before, but only the data byte containing the register
address is sent because no data is written to the register.
This is shown in Figure 20.
A read operation is then performed consisting of the serial
bus address, R/W bit set to 1, followed by the data byte
read from the data register. This is shown in Figure 21.
•
If the address pointer register is known to be already at the
desired address, data can be read from the corresponding
data register without first writing to the address pointer
register, as shown in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com