Electronic Components Datasheet Search
  English  ▼

X  

ADT7490 Datasheet(PDF) 30 Page - Analog Devices

Part # ADT7490
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7490 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADT7490 Datasheet HTML 26Page - Analog Devices ADT7490 Datasheet HTML 27Page - Analog Devices ADT7490 Datasheet HTML 28Page - Analog Devices ADT7490 Datasheet HTML 29Page - Analog Devices ADT7490 Datasheet HTML 30Page - Analog Devices ADT7490 Datasheet HTML 31Page - Analog Devices ADT7490 Datasheet HTML 32Page - Analog Devices ADT7490 Datasheet HTML 33Page - Analog Devices ADT7490 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
ADT7490
Rev. 0 | Page 30 of 76
Alternatively, OS- or BIOS-level software can timestamp when
the system is powered on. If an SMBALERT is generated due to
the THERM timer limit being exceeded, another timestamp can
be taken. The difference in time can be calculated for a fixed
THERM timer limit time. For example, if it takes one week for a
THERM timer limit of 2.914 sec to be exceeded, and the next
time it takes only 1 hour, this is an indication of a serious degrada-
tion in system performance.
Configuring the THERM Pin as an Output
In addition to monitoring THERM as an input, the ADT7490 can
optionally drive THERM low as an output. When PROCHOT is
bidirectional, THERM can be used to throttle the processor by
asserting PROCHOT. The user can preprogram system-critical
thermal limits. If the temperature exceeds a thermal limit by
0.25°C, THERM asserts low. If the temperature is still above the
thermal limit on the next monitoring cycle, THERM stays low.
THERM remains asserted low until the temperature is equal to
or below the thermal limit. Because the temperature for that
channel is measured only once for every monitoring cycle, after
THERM asserts, it is guaranteed to remain low for at least one
monitoring cycle.
The THERM pin can be configured to assert low if the Remote 1
THERM, local THERM, Remote 2 THERM or PECI tempera-
ture limits are exceeded by 0.25°C. The THERM temperature
limit registers are at Register 0x6A, Register 0x6B, and Register
0x6C, respectively. Setting Bits [5:7] of Configuration Register 5
(0x7C) enables the THERM output feature for the Remote 1,
local, and Remote 2 temperature channels, respectively. Figure 36
shows how the THERM pin asserts low as an output in the event
of a critical overtemperature.
MONITORING
CYCLE
TEMP
THERM LIMIT
0.25°C
THERM LIMIT
THERM
Figure 36. Asserting THERM as an Output, Based on Tripping THERM Limits
An alternative method of disabling THERM is to program the
THERM temperature limit to –63°C or less in Offset 64 mode,
or −128°C or less in twos complement mode; that is, for
THERM temperature limit values less than –63°C or –128°C,
respectively, THERM is disabled.
Enabling and Disabling THERM on Individual Channels
The THERM pin can be enabled/disabled for individual or
combinations of temperature channels using Bits [7:5] of
Configuration Register 5 (0x7C).
THERM Hysteresis
Setting Bit 0 of Configuration Register 7 (0x11) disables
THERM hysteresis.
If THERM hysteresis is enabled and THERM is disabled (Bit 2
of Configuration Register 4, 0x7D), the THERM event is not
reflected in the status register and the fans do not go to full
speed. If THERM hysteresis is disabled and THERM is disabled
(Bit 2 of Configuration Register 4, 0x7D) and assuming the
appropriate pin is configured as THERM, the THERM pin
asserts low when a THERM event occurs.
If THERM and THERM hysteresis are both enabled, the
THERM output asserts as expected.
THERM Operation in Manual Mode
In manual mode, THERM events do not cause fans to go to full
speed, unless Bit 5 of Configuration Register 1 (0x40) is set to 1.
Additionally, Bit 3 of Configuration Register 4 (0x7D) can be
used to select PWM speed on THERM event (100% or
maximum PWM).
Bit 2 in Configuration Register 4 (0x7D) can be set to disable
THERM events from affecting the fans.
FAN DRIVE USING PWM CONTROL
The ADT7490 uses pulse-width modulation (PWM) to control
fan speed. This relies on varying the duty cycle (or on/off ratio)
of a square wave applied to the fan to vary the fan speed. The
external circuitry required to drive a fan using PWM control is
extremely simple. For 4-wire fans, the PWM drive might need
only a pull-up resistor. In many cases, the 4-wire fan PWM
input has a built-in, pull-up resistor.
The ADT7490 PWM frequency can be set to a selection of
low frequencies or a single high PWM frequency. The low
frequency options are used for 3-wire fans, while the high
frequency option is usually used with 4-wire fans.
For 3-wire fans, a single N-channel MOSFET is the only drive
device required. The specifications of the MOSFET depend on
the maximum current required by the fan being driven and
the input capacitance of the FET. Because a 10 kΩ (or greater)
resistor must be used as a PWM pull-up, an FET with large
input capacitance can cause the PWM output to become
distorted and adversely affect the fan control range. This is a
requirement only when using high frequency PWM mode.
Typical notebook fans draw a nominal 170 mA, therefore, SOT
devices can be used where board space is a concern. In
desktops, fans typically draw 250 mA to 300 mA each. If several
fans are driven in parallel from a single PWM output or drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com