Electronic Components Datasheet Search
  English  ▼

X  

ADT7490 Datasheet(PDF) 71 Page - Analog Devices

Part # ADT7490
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7490 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADT7490 Datasheet HTML 67Page - Analog Devices ADT7490 Datasheet HTML 68Page - Analog Devices ADT7490 Datasheet HTML 69Page - Analog Devices ADT7490 Datasheet HTML 70Page - Analog Devices ADT7490 Datasheet HTML 71Page - Analog Devices ADT7490 Datasheet HTML 72Page - Analog Devices ADT7490 Datasheet HTML 73Page - Analog Devices ADT7490 Datasheet HTML 74Page - Analog Devices ADT7490 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
ADT7490
Rev. 0 | Page 71 of 76
Table 78. Register 0x7E—Manufacturer’s Test Register 1 (Power-On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[7:0]
Reserved
Read-only
Manufacturer’s test register. These bits are reserved for manufacturer’s test purposes and
should not be written to under normal operation.
Table 79. Register 0x7F—Manufacturer’s Test Register 2 (Power-On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[7:0]
Reserved
Read-only
Manufacturer’s test register. These bits are reserved for manufacturer’s test purposes and
should not be written to under normal operation.
Table 80. Register 0x80—GPIO Configuration Register (Power-On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[1:0]
RES
Reserved
Reserved.
[2]
GPIO2
R/W
If GPIO2 is set to input, this register reflects the state of the pin. If GPIO2 is configured as an output,
writing to this register asserts the output high or low depending on the polarity.
[3]
GPIO1
R/W
If GPIO1 is set to input, this register reflects the state of the pin. If GPIO1 is configured as an output,
writing to this register asserts the output high or low depending on the polarity.
[4]
GPIO2 POL
R/W
GPIO2 polarity bit. Set to 0 for active low. Set to 1 for active high.
[5]
GPIO1 POL
R/W
GPIO1 polarity bit. Set to 0 for active low. Set to 1 for active high.
[6]
GPIO2 DIR
R/W
GPIO2 direction bit. Set to 1 for GPIO1 to act as an input, set to 0 for GPIO2 to act as an output.
[7]
GPIO1 DIR
R/W
GPIO1 direction bit. Set to 1 for GPIO1 to act as an input, set to 0 for GPIO1 to act as an output.
Table 81. Register 0x81—Interrupt Status Register 4 (Power-On Default = 0x00)
Bit No.
Mnemonic
R/W
Description
[2:0]
RES
Read-only
Reserved.
[3]
PECI1
Read-only
A Logic 1 indicates that the PECI high or low limit has been exceeded by the PECI value from PECI Client
Address 0x31. This bit is cleared on a read of the status register only if the error condition has subsided.
[4]
PECI2
Read-only
A Logic 1 indicates that the PECI high or low limit has been exceeded by the PECI value from PECI Client
Address 0x32. This bit is cleared on a read of the status register only if the error condition has subsided.
[5]
PECI3
Read-only
A Logic 1 indicates that the PECI high or low limit has been exceeded by the PECI value from PECI Client
Address 0x33. This bit is cleared on a read of the status register only if the error condition has subsided.
[6]
IMON
Read-only
A Logic 1 indicates that the IMON high or low limit has been exceeded. This bit is cleared on a read of the
status register only if the error condition has subsided.
[7]
VTT
Read-only
A Logic 1 indicates that the VTT high or low limit has been exceeded. This bit is cleared on a read of the
status register only if the error condition has subsided.
Table 82. Register 0x82—Interrupt Mask Register 3 (Power-On Default = 0x00)1
Bit No.
Mnemonic
R/W
Description
[0]
PECI0
R/W
A Logic 1 masks SMBALERT assertions for out-of-limit conditions on PECI0.
[1]
DATA
R/W
A Logic 1 masks SMBALERT assertions for PECI data errors.
[2]
COMM
R/W
A Logic 1 masks SMBALERT assertions for PECI communications errors.
[3]
OVT
R/W
OVT = 1 masks SMBALERT for overtemperature THERM conditions.
[6:4]
RES
R/W
Reserved.
[7]
OOL
R/W
OOL = 1 masks SMBALERT assertions when the OOL status bit is set.
Note that the OOL mask bit is independent of the individual mask bits of Interrupt Mask 4 register
(0x83). Therefore, if the intention is to mask SMBALERT assertions for any of the Status Register 4 bits,
OOL must also be masked.
1 If the mask bits in Register 0x82 are set, it is also necessary to set the OOL mask bit in Register 0x75 to ensure the SMBALERT output is not asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com