Electronic Components Datasheet Search
  English  ▼

X  

ADT7490 Datasheet(PDF) 27 Page - Analog Devices

Part # ADT7490
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7490 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADT7490 Datasheet HTML 23Page - Analog Devices ADT7490 Datasheet HTML 24Page - Analog Devices ADT7490 Datasheet HTML 25Page - Analog Devices ADT7490 Datasheet HTML 26Page - Analog Devices ADT7490 Datasheet HTML 27Page - Analog Devices ADT7490 Datasheet HTML 28Page - Analog Devices ADT7490 Datasheet HTML 29Page - Analog Devices ADT7490 Datasheet HTML 30Page - Analog Devices ADT7490 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
ADT7490
Rev. 0 | Page 27 of 76
SMBALERT Interrupt Behavior
The ADT7490 can be polled for status, or an SMBALERT
interrupt can be generated for out-of-limit conditions. It is
important to note how the SMBALERT output and status
bits behave when writing interrupt handler software.
STICKY
STATUS BIT
HIGH LIMIT
TEMPERATURE
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
SMBALERT
Figure 31. SMBALERT and Status Bit Behavior
Figure 31 shows how the SMBALERT output and sticky status
bits behave. Once a limit is exceeded, the corresponding status
bit is set to 1. The status bit remains set until the error condi-
tion subsides and the status register is read. The status bits
are referred to as sticky, because they remain set until read
by software. This ensures that an out-of-limit event cannot
be missed if software is polling the device periodically.
Note that the SMBALERT output remains low for the entire
duration that a reading is out of limit and until the status
register has been read. This has implications on how soft-
ware handles the interrupt.
Handling SMBALERT Interrupts
To prevent the system from being tied up servicing interrupts,
it is recommend to handle the SMBALERT interrupt as follows:
1.
Detect the SMBALERT assertion.
2.
Enter the interrupt handler.
3.
Read the status registers to identify the interrupt source.
4.
Mask the interrupt source by setting the appropriate mask
bit in the interrupt mask registers (0x74, 0x75, 0x82, and
0x83).
5.
Take the appropriate action for a given interrupt source.
6.
Exit the interrupt handler.
7.
Periodically poll the status registers. If the interrupt status
bit has cleared, reset the corresponding interrupt mask bit
to 0. This causes the SMBALERT output and status bits to
behave as shown in Figure 32.
Masking Interrupt Sources
The interrupt mask registers allow individual interrupt sources
to be masked out to prevent SMBALERT interrupts. Note that
masking an interrupt source prevents only the SMBALERT
output from being asserted; the appropriate status bit is set
normally see Figure 32. Full details of the status and mask
registers associated with each measurement channel are
detailed in Table 20 and Table 24.
STICKY
STATUS BIT
HIGH LIMIT
TEMPERATURE
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
INTERRUPT
MASK BIT SET
SMBALERT
INTERRUPT MASK BIT
CLEARED
(SMBALERT REARMED)
Figure 32. How Masking the Interrupt Source Affects SMBALERT Output
Enabling the SMBALERT Interrupt Output
The SMBALERT interrupt function is disabled by default.
Pin 10 or Pin 14 can be reconfigured as an SMBALERT
output to signal out-of-limit conditions.
Table 21. Configuring Pin 10 as SMBALERT Output
Register
Bit Setting
Configuration Register 3
(Register 0x78) Bit 0
[1] Pin 10 = SMBALERT
[0] Pin 10 = PWM2 (default)
Assigning THERM Functionality to a Pin
Pin 14 on the ADT7490 has three possible functions:
SMBALERT, THERM, and TACH4. The user chooses
the required functionality by setting Bit 0 and Bit 1 of
Configuration Register 4 at Address 0x7D.
If THERM is enabled (Bit 1, Configuration Register 3
at Address 0x78):
•
Pin 22 becomes THERM.
•
If Pin 14 is configured as THERM (Bit 0 and Bit 1 of
Configuration Register 4 at Address 0x7D), THERM is
enabled on this pin.
If THERM is not enabled:
•
Pin 22 becomes a 2.5 VIN measurement input.
•
If Pin 14 is configured as THERM, THERM is disabled on
this pin.
Table 22. Configuring Pin 14 in Register 0x7D
Bit 0
Bit 1
Function
0
0
TACH4
0
1
THERM
1
0
SMBALERT
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com