Electronic Components Datasheet Search
  English  ▼

X  

ADT7490 Datasheet(PDF) 72 Page - Analog Devices

Part # ADT7490
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7490 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADT7490 Datasheet HTML 68Page - Analog Devices ADT7490 Datasheet HTML 69Page - Analog Devices ADT7490 Datasheet HTML 70Page - Analog Devices ADT7490 Datasheet HTML 71Page - Analog Devices ADT7490 Datasheet HTML 72Page - Analog Devices ADT7490 Datasheet HTML 73Page - Analog Devices ADT7490 Datasheet HTML 74Page - Analog Devices ADT7490 Datasheet HTML 75Page - Analog Devices ADT7490 Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
ADT7490
Rev. 0 | Page 72 of 76
Table 83. Register 0x83—Interrupt Mask Register 4 (Power-On Default = 0x00)1
Bit No.
Mnemonic
R/W
Description
[2:0]
RES
R/W
Reserved.
[3]
PECI1
R/W
A Logic 1 masks ALERT assertions for out-of-limit conditions on PECI1.
[4]
PECI2
R/W
A Logic 1 masks ALERT assertions for out-of-limit conditions on PECI2.
[5]
PECI3
R/W
A Logic 1 masks ALERT assertions for out-of-limit conditions on PECI3.
[6]
IMON
R/W
A Logic 1 masks ALERT assertions for out-of-limit conditions on IMON.
[7]
VTT
R/W
A Logic 1 masks ALERT assertions for out-of-limit conditions on VTT.
1 If the mask bits in Register 0x83 are set, it is also necessary to set the OOL mask bit in Register 0x82 to ensure the SMBALERT output is not asserted.
Table 84. VTT, IMON Limit Registers
Register Address
R/W1
Description
Power-On Default
0x84
R/W
VTT Low Limit
0x00
0x85
R/W
IMON Low Limit
0x00
0x86
R/W
VTT High Limit
0xFF
0x87
R/W
IMON High Limit
0xFF
1 These registers becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to these registers fail.
Table 85. Register 0x88—PECI Configuration Register 2 (Power-On Default = 0x00)
Bit No.
Mnemonic
R/W1
Description
[2:0]
RES
R/W
Reserved.
[3]
DOM3
R/W
CPU Domain Count Information. Set to 0 indicates that CPU 4 associated with the PECI3 reading has a
single domain (default). Set to 1 indicates that the system CPU4 contains two domains.
[4]
DOM2
R/W
CPU Domain Count Information. Set to 0 indicates that CPU 3 associated with the PECI2 reading has a
single domain (default). Set to 1 indicates that the system CPU3 contains two domains.
[5]
DOM1
R/W
CPU Domain Count Information. Set to 0 indicates that CPU 2 associated with the PECI1 reading has a
single domain (default). Set to 1 indicates that the system CPU2 contains two domains.
[7:6]
#CPU
R/W
CPU Count. These bits indicate the number of CPUs in the system, which provide PECI thermal
information to the ADT7490.
00 = 1 CPU (default); indicates that PECI0 data is available from CPU 1 at Address 0x30.
01 = 2 CPUs; indicates that PECI0 data is available from CPU1 at Address 0x30 and PECI1 data is
available from CPU 2 at Address 0x31.
10 = 3 CPUs; indicates that PECI0 data is available from CPU1 at Address 0x30, PECI1 data is available
from CPU 2 at Address 0x31 and PECI2 data is available from CPU 3 at Address 0x32.
11 = 4 CPUs; indicates that PECI0 data is available from CPU1 at Address 0x30, PECI1 data is available
from CPU 2 at Address 0x31, PECI2 data is available from CPU 3 at Address 0x32 and PECI3 data is
available from CPU 4 at Address 0x33.
1 This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this register fail.
Table 86. Operating Point Registers1, 2
Register Address
R/W3
Description
Power-On Default
0x8A
R/W
PECI operating point register
0xFB
0x8B
R/W
Remote 1 operating point register (default = 100°C).
0x64
0x8C
R/W
Local temperature operating point register (default = 100°C).
0x64
0x8D
R/W
Remote 2 operating point register (default = 100°C).
0x64
1 These registers set the target operating point for each temperature channel when the dynamic TMIN control feature is enabled.
2 The fans being controlled are adjusted to maintain temperature about an operating point.
3 This register becomes read-only when the Configuration Register 1 (0x40) LOCK bit is set to 1. Any subsequent attempts to write to this register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com