Electronic Components Datasheet Search
  English  ▼

X  

ADT7490 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7490
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7490 Datasheet(HTML) 3 Page - Analog Devices

  ADT7490 Datasheet HTML 1Page - Analog Devices ADT7490 Datasheet HTML 2Page - Analog Devices ADT7490 Datasheet HTML 3Page - Analog Devices ADT7490 Datasheet HTML 4Page - Analog Devices ADT7490 Datasheet HTML 5Page - Analog Devices ADT7490 Datasheet HTML 6Page - Analog Devices ADT7490 Datasheet HTML 7Page - Analog Devices ADT7490 Datasheet HTML 8Page - Analog Devices ADT7490 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
ADT7490
Rev. 0 | Page 3 of 76
TABLE OF CONTENTS
Features...............................................................................................1
Applications .......................................................................................1
General Description..........................................................................1
Functional Block Diagram ...............................................................2
Revision History ................................................................................3
Specifications .....................................................................................4
Absolute Maximum Ratings ............................................................6
Thermal Characteristics...............................................................6
ESD Caution ..................................................................................6
Pin Configuration and Function Descriptions .............................7
Typical Performance Characteristics ..............................................9
Theory of Operation .......................................................................12
Feature Comparisons Between the ADT7490 and ADT7476A
.......................................................................................................12
Start-Up Operation .....................................................................13
Serial Bus Interface .....................................................................13
Write Operations.........................................................................14
Read Operations..........................................................................15
SMBus Timeout...........................................................................16
Voltage Measurement Input.......................................................16
Additional ADC Functions for Voltage Measurements.........17
Temperature Measurement........................................................19
Thermal Diode Temperature Measurement Method.............21
Series Resistance Cancellation ..................................................22
Factors Affecting Diode Accuracy............................................22
Additional ADC Functions for Temperature Measurement .23
Limits, Status Registers, and Interrupts .......................................25
Limit Values .................................................................................25
Interrupt Status Registers...........................................................26
THERM Timer ............................................................................28
Fan Drive Using PWM Control ................................................30
Laying Out 3-Wire Fans.............................................................32
Programming Trange .....................................................................35
Programming the Automatic Fan Speed Control loop ..............36
Manual Fan Control Overview .................................................36
THERM Operation in Manual Mode.......................................36
Automatic Fan Control Overview ............................................36
Step 1: Hardware Configuration ...............................................37
Step 2: Configuring the Muxtiplexer........................................37
Step 3: TMIN Settings for Thermal Calibration Channels .......38
Step 4: PWMMIN for Each PWM (Fan) Output .......................40
Step 5: PWMMAX for PWM (Fan) Outputs...............................40
Step 6: TRANGE for Temperature Channels ................................41
Step 7: T
THERM for Temperature Channels ................................43
Step 8: THYST for Temperature Channels...................................44
Programming the GPIOs ...........................................................46
XNOR Tree Test Mode ...............................................................46
Register Tables .................................................................................47
Outline Dimensions........................................................................76
Ordering Guide ...........................................................................76
REVISION HISTORY
7/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com