Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 46 Page - Micrel Semiconductor

Part # MIC3000
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 46 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 42Page - Micrel Semiconductor MIC3000 Datasheet HTML 43Page - Micrel Semiconductor MIC3000 Datasheet HTML 44Page - Micrel Semiconductor MIC3000 Datasheet HTML 45Page - Micrel Semiconductor MIC3000 Datasheet HTML 46Page - Micrel Semiconductor MIC3000 Datasheet HTML 47Page - Micrel Semiconductor MIC3000 Datasheet HTML 48Page - Micrel Semiconductor MIC3000 Datasheet HTML 49Page - Micrel Semiconductor MIC3000 Datasheet HTML 50Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
MIC3000
Micrel
M9999-101204
46
October 2004
Received Optical Power MSB (RXOPh)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
Default Value
0000 0000b = 00h (0mW)
(6)
Serial Address
A2h = 1010001b
Byte Address
104 = 68h
Each LSB represents 25.6µW. This register is to be used in conjunction with RXOPl to yield a sixteen-bit value. The
values in RXOPh:RXOPl are in an unsigned binary format. The value in this register is uncalibrated. The host should
process the results using the scale factor and offset provided. See the External Calibration section.
Received Optical Power LSB (RXOPl)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
Default Value
0000 0000b = 00h (0mW)
(6)
Serial Address
A2h = 1010001b
Byte Address
105 = 69h
Each LSB represents 0.1µW. This register is to be used in conjunction with RXOPh to yield a sixteen-bit value. The
values in RXOPh:RXOPl are in an unsigned binary format. The value in this register is uncalibrated. The host should
process the results using the coefficients provided. See the External Calibration section. In the MIC3000, this register
will always return zero. This register is provided for compliance with SFF-8472. It is not used by the MIC3000 when
doing threshold comparisons and setting alarm or warning bits.
Control and Status (CNTRL)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
TXDIS
STXDIS
reserved
RSEL
SRSEL
XFLT
LOS
POR
read only
read/write
read/write
read/write
read only
read only
read only
Default Value
0000 0000b = 00h
Serial Address
A2h = 1010001b
Byte Address
110 = 6Eh
Bit(s)
Function
Operation
D[7]
TXDIS
Reflects the state of the TXDISABLE pin
1 = disabled, 0 = enabled, read only.
D[6]
STXDIS
Soft transmit disable
1 = disabled; 0 = enabled.
D[5]
D[5]
Reserved
Reserved - always write as zero.
D[4]
RSEL
Reflects the state of the RSEL pin
1 = high; 0 = low.
D[3]
SRSEL
Soft rate select
1 = high (2Gbps); 0 = low (1Gbps).
D[2]
TXFLT
Reflects the state of the TXFAULT pin
1 = high (fault); 0 = low (no fault).
D[1]
LOS
Loss of signal. Reflects the state of the LOS pin
1 = high (loss of signal); 0 = low (no loss of signal).
D[0]
POR
MIC3000 power-on status
0 = POR complete, analog data ready;
1 = POR in progress.
Notes:
6. RXOPh will contain measured data after one A/D conversion cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com