Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 44 Page - Micrel Semiconductor

Part # MIC3000
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 44 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 40Page - Micrel Semiconductor MIC3000 Datasheet HTML 41Page - Micrel Semiconductor MIC3000 Datasheet HTML 42Page - Micrel Semiconductor MIC3000 Datasheet HTML 43Page - Micrel Semiconductor MIC3000 Datasheet HTML 44Page - Micrel Semiconductor MIC3000 Datasheet HTML 45Page - Micrel Semiconductor MIC3000 Datasheet HTML 46Page - Micrel Semiconductor MIC3000 Datasheet HTML 47Page - Micrel Semiconductor MIC3000 Datasheet HTML 48Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
MIC3000
Micrel
M9999-101204
44
October 2004
ADC Result Registers
Temperature Result MSB (TEMPh)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
Default Value
0000 0000b = 00h (0°C)
(1)
Serial Address
A2h = 1010001b
Byte Address
96 = 60h
Each LSB represents one degree centigrade. This register is to be used in conjunction with TEMPl to yield a sixteen-
bit temperature value. The value in this register is uncalibrated. The host should process the results using the scale
factor and offset provided. See the External Calibration section.
Temperature Result LSB (TEMPl)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
Default Value
0000 0000b = 00h (0°C)
Serial Address
A2h = 1010001b
Byte Address
97 = 61h
This register is to be used in conjunction with TEMPh to yield a sixteen-bit temperature value. The value in this register
is uncalibrated. The host should process the results using the scale factor and offset provided. See the External
Calibration section. In the MIC3000, this register will always return zero. This register is provided for compliance with
SFF-8472. It is not used by the MIC3000 when doing threshold comparisons and setting alarm or warning bits.
Voltage MSB (VINh)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
Default Value
0000 0000b = 00h (0V)
(2)
Serial Address
A2h = 1010001b
Byte Address
98 = 62h
Each LSB represents 25.6mV. This register is to be used in conjunction with VINl to yield a sixteen-bit value. The
values in VINh:VlNl are in an unsigned binary format. The value in this register is uncalibrated. The host should
process the results using the scale factor and offset provided. See the External Calibration section.
Voltage LSB (VINl)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
Default Value
0000 0000b = 00h (0V)
Serial Address
A2h = 1010001b
Byte Address
99 = 63h
Each LSB represents 100µV. This register is to be used in conjunction with VINh to yield a sixteen-bit value. The
values in VINh:VINl are in an unsigned binary format. The value in this register is uncalibrated. The host should
process the results using the scale factor and offset provided. See the External Calibration section. In the MIC3000,
this register will always return zero. This register is provided for compliance with SFF-8472. It is not used by the
MIC3000 when doing threshold comparisons and setting alarm or warning bits.
Notes:
1. TEMPh will contain measured temperature data after the completion of one conversion.
2. VINh will contain measured data after one A/D conversion cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com