Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3000
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3000 Datasheet HTML 1Page - Micrel Semiconductor MIC3000 Datasheet HTML 2Page - Micrel Semiconductor MIC3000 Datasheet HTML 3Page - Micrel Semiconductor MIC3000 Datasheet HTML 4Page - Micrel Semiconductor MIC3000 Datasheet HTML 5Page - Micrel Semiconductor MIC3000 Datasheet HTML 6Page - Micrel Semiconductor MIC3000 Datasheet HTML 7Page - Micrel Semiconductor MIC3000 Datasheet HTML 8Page - Micrel Semiconductor MIC3000 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
October 2004
1
M9999-101204
MIC3000
Micrel
MIC3000
SFP Management IC
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC3000 enables the implementation of sophisticated,
hot-pluggable fiber optic transceivers with intelligent laser
control and Digital Diagnostic Monitoring Interface per SFF-
8472. It essentially integrates all non-datapath functions of an
SFP transceiver into a tiny 4mm × 4mm MLF™ package. It
also works well as a microcontroller peripheral in transpon-
ders or 10Gbps transceivers.
A highly configurable automatic power control (APC) circuit
controls laser bias. Bias and modulation are temperature
compensated using dual DACs, an on-chip temperature
sensor, and NVRAM look-up tables. A programmable inter-
nal feedback resistor provides unprecedented dynamic range
for APC. Controlled laser turn-on facilitates hot-plugging.
An analog-to-digital converter converts the measured tem-
perature, voltage, bias current, transmit power, and received
power from analog-to-digital. Each parameter is compared
against user-programmed warning and alarm thresholds.
Analog comparators and DACs provide high-speed monitor-
ing of received power and critical laser operating parameters.
An interrupt output, power-on hour meter, and data-ready bits
add user friendliness beyond SFF-8472. The interrupt output
and data-ready bits reduce overhead in the host system. The
power-on hour meter logs operating hours using an internal
real-time clock and stores the result in NVRAM.
Communication with the MIC3000 is via an industry standard
2-wire serial interface. Nonvolatile memory is provided for
serial ID, configuration, and separate OEM and user
scratchpad spaces. Two-level password protection guards
against data corruption.
Features
• APC or constant-current laser bias
• Supports multiple laser types and bias circuit topologies
• Drives external low-cost BJT for laser bias
• Integrated digital temperature sensor
• Temperature compensation of modulation, bias, and
fault levels via NVRAM look-up tables
• Direct interface to SY88932, SY88982, SY89307 and
other drivers
• NVRAM to support GBIC/SFP serial ID function
• User writable EEPROM scratchpad
• Diagnostic monitoring interface per SFF-8472
– Monitors and reports critical parameters:
temperature, bias current, TX and RX optical power,
and supply voltage
– S/W control and monitoring of TXFAULT, RXLOS,
RATESELECT, and TXDISABLE
– External calibration
• Power-on hour meter
• Interrupt capability
• Extensive test and calibration features
• 2-wire I2C compatible serial interface
• SFP MSA and SFF-8472 compliant
• 3.0V to 3.6V power supply range
• 5V-tolerant I/O
• 4mm × 4mm 24-pin MLF™ package
Applications
• SFF/SFP optical transceivers
• SONET/SDH transceivers and transponders
• Fibre channel transceivers
• 10Gbps transceivers
• Free space optical communications
• Proprietary optical links
Ordering Information
Part Number
Junction Temp. Range
Package
MIC3000BML
–45°C to +105°C
24-pin MLF™
Micro
LeadFrame and MLF are trademarks of Amkor Technology, Inc.


Similar Part No. - MIC3000

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3000 MICREL-MIC3000 Datasheet
452Kb / 68P
FOM Management IC
MIC3000BML MICREL-MIC3000BML Datasheet
452Kb / 68P
FOM Management IC
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
FOM Management IC
More results

Similar Description - MIC3000

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Micrel Semiconductor
MIC3001 MICREL-MIC3001 Datasheet
357Kb / 74P
SFP Management IC with Internal Calibration
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
POWER MANAGEMENT iC
logo
Micrel Semiconductor
MIC502 MICREL-MIC502_11 Datasheet
240Kb / 15P
Fan Management IC
MIC3000 MICREL-MIC3000_07 Datasheet
452Kb / 68P
FOM Management IC
MIC502 MICREL-MIC502_06 Datasheet
240Kb / 15P
Fan Management IC
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
Power-Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
Power Management IC
Rev 1; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com