Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 60 Page - Micrel Semiconductor

Part # MIC3000
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 60 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 56Page - Micrel Semiconductor MIC3000 Datasheet HTML 57Page - Micrel Semiconductor MIC3000 Datasheet HTML 58Page - Micrel Semiconductor MIC3000 Datasheet HTML 59Page - Micrel Semiconductor MIC3000 Datasheet HTML 60Page - Micrel Semiconductor MIC3000 Datasheet HTML 61Page - Micrel Semiconductor MIC3000 Datasheet HTML 62Page - Micrel Semiconductor MIC3000 Datasheet HTML 63Page - Micrel Semiconductor MIC3000 Datasheet HTML 64Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
MIC3000
Micrel
M9999-101204
60
October 2004
Manufacturer ID Register (MFG_ID)
Identifies Micrel as the manufacturer of the device. Always returns 2Ah
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read only
read only
read only
read only
read only
read only
read only
read only
0
0101
01
0
Default Value
0010 1010b = 2Ah
Serial Address
A6h = 1010011b
Byte Address
254 = FEh
The value in this register, in combination with the DEV_ID register, serve to identify the MIC3000 and its revision
number to software. This register is read-only.
Bit(s)
Function
Operation
D[7:0]
Identifies Micrel as the manufacturer of the device.
Read only. Always returns A
h
Always returns 2A
h.
Device ID Register (DEV_ID)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read only
read only
read only
read only
read only
read only
read only
read only
MIC3000 DEVICE ID
DIE REVISION
always reads as zero “0” at D [4-7]
Default Value
0000 xxxxb = 0xh
Serial Address
A6h = 1010011b
Byte Address
255 = FFh
The value in this register, in combination with the MFG_ID register, serve to identify the MIC3000 and its revision
number to software. This register is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com