Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC3000
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC3000 Datasheet HTML 1Page - Micrel Semiconductor MIC3000 Datasheet HTML 2Page - Micrel Semiconductor MIC3000 Datasheet HTML 3Page - Micrel Semiconductor MIC3000 Datasheet HTML 4Page - Micrel Semiconductor MIC3000 Datasheet HTML 5Page - Micrel Semiconductor MIC3000 Datasheet HTML 6Page - Micrel Semiconductor MIC3000 Datasheet HTML 7Page - Micrel Semiconductor MIC3000 Datasheet HTML 8Page - Micrel Semiconductor MIC3000 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
October 2004
5
M9999-101204
MIC3000
Micrel
Pin Configuration
1
2
3
4
5
6
18
17
16
15
14
13
78
9 10 11 12
24 23 22 21 20 19
FB
VMPD
GNDA
VDDA
VILD–
VILD+
VDDD
NC
GNDD
RSIN
VIN
CLK
24-Lead MLF™
Pin Descriptions
Pin Number
Pin Name
Pin Function
1
FB
Analog Input. Feedback voltage for the APC loop op-amp . Polarity and
scale are programmable via the APC configuration bits. Connect to VBIAS if
APC is not used.
2
VMPD
Analog Input. Multiplexed A/D converter input for monitoring transmitted
optical power via a monitor photodiode. In most applications, VMPD will be
connected directly to FB. The input range is 0 - V
REF or 0 - VREF/4 depend-
ing on the setting of the APC configuration bits.
3
GNDA
Ground return for analog functions.
4
VDDA
Power supply input for analog functions.
5
VILD–
Analog Input. Reference terminal for the multiplexed pseudo-differential A/D
converter inputs for monitoring laser bias current via a sense resistor (VILD+
is the sensing input). Tie to VDD or GND to reference the voltage sensed on
VILD+ to VDD or GND respectively. Limited common-mode voltage range,
see “Applications Information” section for more details.
6
VILD+
Analog Input. Multiplexed A/D input for monitoring laser bias current via a
sense resistor (signal input); accommodates inputs referenced to VDD or
GND (see pin 5 description). Limited common-mode voltage range, see
“Applications Information” section for more details.
7
SHDN
Digital output; Programmable polarity. Asserted at the detection of a fault
condition that can be used to activate a second series transistor in the laser
current path, enhancing protection against single-point failures.
8
VRX
Analog Input. Multiplexed A/D converter input for monitoring received optical
power. The input range is 0 to VREF.
9
XPN
Analog Input/Output. Optional connection to an external PN junction for
sensing temperature at a remote location. The Zone bit in OEMCFG1
determines whether temperature is measured using the on-chip sensor or
the remote PN junction.
10
TXFAULT
Digital Output; Open-Drain. A high level indicates a hardware fault impeding
transmitter operation. The state of this input is always reflected in the TXFLT
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com