Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 59 Page - Micrel Semiconductor

Part # MIC3000
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 59 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 55Page - Micrel Semiconductor MIC3000 Datasheet HTML 56Page - Micrel Semiconductor MIC3000 Datasheet HTML 57Page - Micrel Semiconductor MIC3000 Datasheet HTML 58Page - Micrel Semiconductor MIC3000 Datasheet HTML 59Page - Micrel Semiconductor MIC3000 Datasheet HTML 60Page - Micrel Semiconductor MIC3000 Datasheet HTML 61Page - Micrel Semiconductor MIC3000 Datasheet HTML 62Page - Micrel Semiconductor MIC3000 Datasheet HTML 63Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
October 2004
59
M9999-101204
MIC3000
Micrel
OEM Readback Register (OEMRD)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
INT
APCSAT
IBFLT
TXFLT
RSOUT
reserved
reserved
reserved
read only
read only
read only
read only
read only
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
22 = 16h
This register reflects (reads back) the status of the bits corresponding to the parameters defined below. A valid OEM
password is required for access to this register. Otherwise, reads are undefined and writes are ignored.
Bit
Function
Operation
D[7:5]
Reserved
Always write as zero; reads undefined.
D[4]
INT
Mirrors state of /INT but active-high; not state of
1 = interrupt; 0 = no interrupt.
physical pin!
D[3]
APCSAT
APC saturation fault comparator output state
1 = fault; 0 = normal operation.
D[2]
IBFLT
State of IBIAS over-current fault comparator
1 = fault; 0 = normal operation; read-only.
output
D[1]
TXFLT
State of transmit power fault comparator output
1 = fault; 0 = normal operation; read-only.
D[0]
RSOUT
State of the rate select output pin, RSOUT
1 = high; 0 = low; Read-only.
Power-On Hour Meter Data (POHDATA)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
32-39 = 20h - 27h
These registers are used for backing up the POH result during power cycles. At power-up, the POH meter selects the
larger of the two values as the initial count. Incremental results are stored in alternate register pairs. The power-on
hour meter may be reset or preset by writing to these registers. These registers are non-volatile and will be maintained
through power and reset cycles. A valid OEM password is required for access to these registers.
BYTE
Weight
3
POHA, high-byte
2
POHA, low-byte
1
POHB, high-byte
0
POHB, low-byte
OEM Scratchpad Registers (SCRATCHn)
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
SCRATCH0:
126 = 7Eh
SCRATCH1:
127 = 7Fh
SCRATCH2:
128 = 80h
.......................................
SCRATCH127: 253 = FDh
The scratchpad registers are general-purpose non-volatile memory locations. They can be freely read from and written
to any time the MIC3000 is in OEM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com