Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MIC3000
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 19Page - Micrel Semiconductor MIC3000 Datasheet HTML 20Page - Micrel Semiconductor MIC3000 Datasheet HTML 21Page - Micrel Semiconductor MIC3000 Datasheet HTML 22Page - Micrel Semiconductor MIC3000 Datasheet HTML 23Page - Micrel Semiconductor MIC3000 Datasheet HTML 24Page - Micrel Semiconductor MIC3000 Datasheet HTML 25Page - Micrel Semiconductor MIC3000 Datasheet HTML 26Page - Micrel Semiconductor MIC3000 Datasheet HTML 27Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
October 2004
23
M9999-101204
MIC3000
Micrel
Temperature
Register Address
Table Offset
Offset (
°C)
00 h
0
0
1
01h
1
2
3
02h
2
4
5
··
·
··
·
··
·
3Eh
62
124
125
3Fh
63
126
127
Table 12. APC Temperature Compensation Look-Up
Table, Serial Address I2CADR+4h
Temperature
Register Address
Table Offset
Offset (
°C)
40 h
0
0
1
41h
1
2
3
42h
2
4
5
··
·
··
·
··
·
7Eh
62
124
125
7Fh
63
126
127
Table 13. VMOD Temperature- Compensation Look-Up
Table, Serial Address I2CADR+4h
Temperature
Register Address
Table Offset
Offset (
°C)
80 h
0
0
1
81h
1
2
3
82h
2
4
5
··
·
··
·
··
·
BEh
62
124
125
BFh
63
126
127
Table 14. IBIAS Comparator Temperature
Compensation Look-up Table, Serial Address
I2CADR+4h
Temperature
Register Address
Table Offset
Offset (
°C)
CO h
0
0
1
C1h
1
2
3
C2h
2
4
5
··
·
··
·
··
·
FEh
62
124
125
FFh
63
126
127
Table 15. Bias Current High Alarm Temperature
Compensation Table, Serial Address I2CADR+4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com