Electronic Components Datasheet Search
  English  ▼

X  

MIC3000 Datasheet(PDF) 52 Page - Micrel Semiconductor

Part # MIC3000
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000 Datasheet(HTML) 52 Page - Micrel Semiconductor

Back Button MIC3000 Datasheet HTML 48Page - Micrel Semiconductor MIC3000 Datasheet HTML 49Page - Micrel Semiconductor MIC3000 Datasheet HTML 50Page - Micrel Semiconductor MIC3000 Datasheet HTML 51Page - Micrel Semiconductor MIC3000 Datasheet HTML 52Page - Micrel Semiconductor MIC3000 Datasheet HTML 53Page - Micrel Semiconductor MIC3000 Datasheet HTML 54Page - Micrel Semiconductor MIC3000 Datasheet HTML 55Page - Micrel Semiconductor MIC3000 Datasheet HTML 56Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
MIC3000
Micrel
M9999-101204
52
October 2004
OEM Configuration Register 0 (OEMCFG0)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
RST
ZONE
DFLT
OE
MODREF
VAUX[2]
VAUX[1]
VAUX[0]
write only
read/write
read only
reserved
reserved
read/write
read/write
read/write
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
00 = 00h
A write to OEMCFG0 will result in any A/D conversion in progress being aborted and the result discarded. The A/D will
begin a new conversion sequence once the write operation is complete. All bits in OEMCFG0 are non-volatile except
DFLT and RST. A valid OEM password is required for access to this register.
Bit(s)
Function
Operation
D[7]
RST
0 = no action; 1 = reset; write-only.
D[6]
ZONE
Selects temperature zone.
0 = internal; 1 = external; non-volatile.
D[5]
DFLT
Diode fault flag.
1 = diode fault; 0 = OK.
D[4]
OE
Output enable for SHDN, V
MOD, and VBIAS.
1 = enabled; 0 = hi-Z; non-volatile.
D[3]
MODREF
Selects whether VMOD is referenced to ground
1 = VDD; 0 = GND; non-volatile.
or V
DD.
D[2:0]
VAUX[2:0]
Selects the voltage reported in VINh:VINl.
000 = VIN; 001 = VDDA; 010 = VBIAS; 011 = VMOD;
100 = APCDAC; 101 = MODDAC; 110 = FLTDAC;
non-volatile
OEM Configuration Register 1 (OEMCFG1)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
INV
GAIN
BIASREF
RFB[2]
RFB[1]
RFB[0]
SRCE
SPOL
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
1 = 01h
A write to OEMCFG1 will result in any A/D conversion in progress being aborted and the result discarded. The A/D will
begin a new conversion sequence once the write operation is complete. All bits in OEMCFG1 are non-volatile and will
be maintained through power and reset cycles. A valid OEM password is required for access to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com