Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRPBF Datasheet(PDF) 30 Page - Analog Devices

Part # LTC2066ISC6TRPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRPBF Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC2066ISC6TRPBF Datasheet HTML 22Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 23Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 24Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 25Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 26Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 27Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 28Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 29Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
PART NUMBER
DESCRIPTION
COMMENTS
ADA4051-1/ADA4051-2 Micropower, Single/Dual, Zero-Drift Operational Amplifiers
7μA IS, 15μV VOS, 11.8V to 5.5V VS, 115kHz, RRIO
LTC2063/LTC2064/
LTC2065
Micropower, Low IB Single/Dual/Quad, Zero-Drift Op Amps 2μA IS, 5μV VOS, 1.7V to 5.25V VS, 20kHz, RRIO
LTC2054/LTC2055
Micropower, Single/Dual, Zero-Drift Operational Amplifier
130μA IS, 5μV VOS, 2.7V to 11 V VS, 500kHz, RR Output
ADA4522-1/ADA4522-2/
ADA4522-4
55V, Low Noise Zero-Drift Operational Amplifier
900μA IS, 5.8nV/�Hz, 5μV VOS, 4.5V to 55V VS, 3MHz, RR Output
LTC2057/LTC2057HV
High Voltage-Low Noise Zero-Drift Operational Amplifier
4μV VOS, 1.2mA IS, 4.75V to 60V VS, 1.5MHz, RR Output
LTC2058
36V, Low Noise Zero-Drift Operational Amplifier
5μV VOS, 1.2mA IS, 4.75V to 36V VS, 2.5MHz, RR Output
LTC2050/LTC2050HV
Zero-Drift Operational Amplifier
3μV VOS, 1.5mA IS, 2.7V to 12V VS, 3MHz, RR Output
LTC2051/LTC2052
Dual/Quad Zero-Drift Operational Amplifier
3μV VOS, 1.5mA IS, 2.7V to 12V VS, 3MHz, RR Output
ADA4528-1/ADA4528-2 5V Ultra Low Noise Zero-Drift Op Amps
5μV VOS, 5.6nV/√Hz, 1.7mA IS, 2.2V to 5.5V VS, 4MHz, RRIO
LT®1494/LT1495/
LT1496
1.5μA Max, Over-The-Top Precision Operational Amplifier
1.5μA IS, 375μV VOS, 2.2V to 36V VS, 2.7kHz, RRIO
LT6003/LT6004/LT6005 1.6V, 1μA Precision Rail-to-Rail Input and Output Op Amps 1μA IS, 500μV VOS, 1.6V to 16V VS, 2kHz, RRIO
LT6023
Micropower, Enhanced Slew Op Amp
20μA IS, 20μV VOS, 3V to 30V VS, 40kHz
LTC2053
Precision, Rail-to-Rail, Zero-Drift, PGIA
1.3mA IS, 10μV VOS, 2.7V to 12V VS, 200kHz, RRIO
LT5400
Quad Matched Resistor Network
0.01% Matching, 8ppm/°C Temp Drift , 0.2ppm/°C Temp Matching
LTC2066/LTC2067/LTC2068
30
Rev. B
For more information www.analog.com
ANALOG DEVICES, INC. 2017-2020
D16885-0-6/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Battery Powered Current Sense Amplifier Floats with Sense Resistor Voltage
VOUT = VREF/2 ±ILOAD × RSENSE × GAIN
GAIN = 2M/14k
12V
2066 TA03
–
+
VREF
2M
14k
14k
2M
2M
2M
2M
RSENSE
10m
LT6656-3
10µF
BAT
>3.1V
10µF
ILOAD CURRENT
TO BE MEASURED
(BI-DIRECTIONAL)
0.1% RESISTORS TO MAINTAIN OFFSET ACCURACY
LTC2066
IN
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com