Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LTC2066ISC6TRPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC2066ISC6TRPBF Datasheet HTML 10Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 11Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 12Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 13Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 14Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 15Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 16Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 17Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LTC2066/LTC2067/LTC2068
14
Rev. B
For more information www.analog.com
BLOCK DIAGRAM
PIN FUNCTIONS
OUT: Amplifier Output
–IN: Inverting Amplifier Input
+IN: Noninverting Amplifier Input
V+: Positive Power Supply. A bypass capacitor should be
used between supply pins and ground.
V–: Negative Power Supply. A bypass capacitor should be
used between supply pins and ground.
SHDN: Shutdown Control Pin. The SHDN pin threshold is
referenced to V–. If tied to V+, the part is enabled. If tied
to V–, the part is disabled and draws less than 170nA of
supply current per amplifier. It is recommended not to
float this pin.
Amplifier
–
+
V+
V–
V–
V+
V–
V+
V–
V+
V–
OUT
+IN
–IN
2066 BDa
7k
7k
EMI
FILTER
Shutdown Circuit
V+
V+
V–
SHDN
10k
50nA
SHDN
2066 BDb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com