Electronic Components Datasheet Search
  English  ▼

X  

LTC2066ISC6TRPBF Datasheet(PDF) 20 Page - Analog Devices

Part # LTC2066ISC6TRPBF
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2066ISC6TRPBF Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC2066ISC6TRPBF Datasheet HTML 16Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 17Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 18Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 19Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 20Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 21Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 22Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 23Page - Analog Devices LTC2066ISC6TRPBF Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC2066/LTC2067/LTC2068
20
Rev. B
For more information www.analog.com
OUT
2066 F10
–
+
RFB
1.58M
RTD
1k
100k
10k
10k
100k
LT5400-3
GND
LT6656-2.048
R2
11k
110k
0.1%
±2ppm/°C
C2
10µF
VOUT SCALE 10mV/°C
1V AT 25°C ROOM TEMP
ISUPPLY = 43µA
VISHAY PTS SERIES
1k PtRTD, CLASS F0.3
PTS12061B1K00P100
www.vishay.com
C1
0.1µF
2.6V ≤ VSUPPLY ≤ 18V +
–
OUT
IN
LTC2066
131:1 VOLTAGE DIVIDER
Figure 10. RTD Sensor
APPLICATIONS INFORMATION
RTD Sensor
This low power platinum resistance temperature detector
(RTD) sensor circuit draws only 43μA total supply cur-
rent on a minimum 2.6V rail, and is accurate to within
±1°C at room temperature, including all error intrinsic
to the Vishay PTS Class F0.3 Variant RTD. It covers the
temperature range from –40°C to 85°C in 10mV/°C incre-
ments and produces an output of 1V at nominal room
temperature of 25°C.
The LTC2066’s extremely low typical offset of 1μV and
typical input bias current of 5pA allows for the use of a
very low excitation current in the RTD. Thus, self-heating
is negligible, improving accuracy.
The LT5400-3, B-grade, is used to provide a ±0.025%
matched resistor network that is effectively a precision
131:1 voltage divider. This precision divider forms one
half of a bridge circuit, with the 0.1% 110kΩ and RTD in
the other branch. Note that the 110kΩ’s precision require-
ment is to ensure matching with the RTD. The 11kΩ R2
serves to provide a DC offset for the entire bridge so
that the output is 1V at room temperature. Since bridge
imbalances can lead to error, it is recommended to mini-
mize the length of the leads connecting the RTD to reduce
additional lead resistance.
The LT6656-2.048 reference helps create a known excita-
tion current in the RTD at each temperature of operation,
and also acts as a supply for the LTC2066, all while using
less than 1μA itself. The LT6656 can accept input voltages
anywhere between 2.6V and 18V, allowing for flexibility
in selection of supply voltage while maintaining a fixed
output range. The LT6656 reference can easily source
the 43μA required to run the entire circuit, thanks to the
LTC2066’s 10μA maximum supply current and ability to
handle microvolt signals produced by the RTD under low
excitation current.
Care should be taken to minimize thermocouple effects by
preventing significant thermal gradients between the two
op amp inputs. It is also important to choose feedback
and series resistors that are low-tempco to minimize error
due to drift over the entire temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com